Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LDC-100 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part No. LDC-100
Description  100W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPD [MicroPower Direct, LLC]
Homepage  http://www.micropowerdirect.com
Logo 

LDC-100 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Output
Output
Power
(W)
Efficiency
(%, Typ)
Current
Voltage
Range (VDC)
OVP Level
(VDC)
Max (mA)
Adj. Range (mA)
LDC-100-1650 x
1,650
1,260 - 1,650
31 - 58
62 - 80
96
90
LDC-100-1960 x
1,960
1,470 - 1,960
36 - 49
54 - 73
96
90
LDC-100-2290 x
2,290
1,680 - 2,290
31 - 42
49 - 65
96
90
LDC-100-2740 x
2,740
2,100 - 2,740
26 - 35
41 - 55
96
90
LDC-100-3560 x
3,560
2,730 - 3,560
21 - 27
31 - 37
96
90
Model Selection Guide
Derating Curve: Temperature
Efficiency vs Load: LDC-100-2740
Derating Curve: Input Voltage
PFC vs Load: LDC-100-2740
Model
Ingress Protection
Dimming Function
LDC-100-xxxx A
IP65
Adjust by internal, variable resistor
LDC-100-xxxx B
IP67
Adjust by external resistor, DC voltage level or PWM signal
Package Type
Notes:
1. Inrush current is given for a cold start
at 25°C.
2. Total Harmonic Distortion (THD) is
specified with an input of 230 VAC/50
Hz at full load.
3. Turn on delay is specified at full load.
4. Ripple & noise is measured at 20 MHz.
Connection to the unit is made with a 0.1 µF
ceramic capacitor and a 22 µF electrolytic
capacitor connected in parallel.
5. Life expectancy is calculated at 230 VAC,
full load and a case temp of +70°C.
6. Recovery from an over voltage fault is
automatic.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn