Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEEL18CV8J-5 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PEEL18CV8J-5
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PEEL18CV8J-5 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PEEL18CV8J-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers PEEL18CV8J-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEEL18CV8J-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEEL18CV8J-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEEL18CV8J-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEEL18CV8J-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEEL18CV8J-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEEL18CV8J-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEEL18CV8J-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
04-02-004H
International
CMOS
Technology
®
PEELTM 18CV8
function as a dedicated input, a dedicated output, or a bi-
directional I/O. Opening every connection on the output
enable term will permanently enable the output buffer and
yield a dedicated output. Conversely, if every connection is
intact, the enable term will always be logically false and the
I/O will function as a dedicated input.
Input/Feedback Select
The PEEL18CV8 macrocell also provides control over the
feedback path. The input/feedback signal associated with
each I/O macrocell may be obtained from three different
locations; from the I/O input pin, from the Q output of the
flip-flop (registered feedback), or directly from the OR gate
(combinatorial feedback).
Bi-directional I/O
The input/feedback signal is taken from the I/O pin when
using the pin as a dedicated input or as a bi-directional I/O.
(Note that it is possible to create a registered output func-
tion with a bi-directional I/O.)
Combinatorial Feedback
The signal-select multiplexer gives the macrocell the ability
to feedback the output of the OR gate, bypassing the out-
put buffer, regardless of whether the output function is reg-
istered or combinatorial. This feature allows the creation of
asynchronous latches, even when the output must be dis-
abled. (Refer to configurations 5,6,7 and 8 in Figure 5.)
Figure 4 Block Diagram of the PEEL18CV8
I/O Macrocell
Registered Feedback
Feedback also can be taken from the register, regardless of
whether the output function is to be combinatorial or regis-
tered. When implementing a combinatorial output function,
registered feedback allows for the internal latching of states
without giving up the use of the external output.
Design Security
The PEEL18CV8 provides a special EEPROM security bit
that prevents unauthorized reading or copying of designs
programmed into the device. The security bit is set by the
PLD programmer, either at the conclusion of the program-
ming cycle or as a separate step, after the device has been
programmed. Once the security bit is set it is impossible to
verify (read) or program the PEEL until the entire device
has first been erased with the bulk-erase function.
Programming Support
ICT’s JEDEC file translator allows easy conversion of exist-
ing 20 pin PLD designs to the PEEL18CV8, without the
need for redesign. ICT supports a broad range of popular
third party design entry systems, including Data I/O Synario
and Abel, Logical Devices CUPL and others. ICT also
offers (for free) its proprietary PLACE software, an easy-to-
use entry level PC-based software development system.
Programming support includes all the popular third party
programmers; Data I/O, Logical Devices, and numerous
others. ICT also provides a low cost development program-
mer system, the PDS-3.


Similar Part No. - PEEL18CV8J-5

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJ-25 ANACHIP-PEEL18CV8ZJ-25 Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJ-25L ANACHIP-PEEL18CV8ZJ-25L Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJI-25 ANACHIP-PEEL18CV8ZJI-25 Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJI-25L ANACHIP-PEEL18CV8ZJI-25L Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL18CV8J-5

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com