Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

18CV8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 18CV8
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo ETC - List of Unclassifed Manufacturers

18CV8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  18CV8 Datasheet HTML 1Page - List of Unclassifed Manufacturers 18CV8 Datasheet HTML 2Page - List of Unclassifed Manufacturers 18CV8 Datasheet HTML 3Page - List of Unclassifed Manufacturers 18CV8 Datasheet HTML 4Page - List of Unclassifed Manufacturers 18CV8 Datasheet HTML 5Page - List of Unclassifed Manufacturers 18CV8 Datasheet HTML 6Page - List of Unclassifed Manufacturers 18CV8 Datasheet HTML 7Page - List of Unclassifed Manufacturers 18CV8 Datasheet HTML 8Page - List of Unclassifed Manufacturers 18CV8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
04-02-004H
International
CMOS
Technology
®
Commercial/
Industrial
The PEEL18CV8 architecture allows it to replace over 20
standard 20-pin PLDs (PAL, GAL, EPLD etc.). It also pro-
vides additional architecture features so more logic can be
put into every design. ICT’s JEDEC file translator instantly
converts to the PEEL18CV8 existing 20-pin PLDs without
the need to rework the existing design. Development and
programming support for the PEEL18CV8 is provided by
popular third-party programmers and development software.
ICT also offers free PLACE development software and a
low-cost development system (PDS-3).
Figure 2 Block Diagram
General Description
The PEEL18CV8 is a Programmable Electrically Erasable
Logic (PEEL) device providing an attractive alternative to
ordinary PLDs. The PEEL18CV8 offers the performance,
flexibility, ease of design and production practicality needed
by logic designers today.
The PEEL18CV8 is available in 20-pin DIP, PLCC, SOIC
and TSSOP packages with speeds ranging from 5ns to
25ns with power consumption as low as 37mA. EE-Repro-
grammability provides the convenience of instant repro-
gramming
for
development
and
reusable
production
inventory minimizing the impact of programming changes
or errors. EE-Reprogrammability also improves factory
testability, thus assuring the highest quality possible.
Figure 1 Pin Configuration
PLCC
DIP
SOIC
1
2
3
4
5
6
7
8
9
10
I/CLK
I
I
I
I
I
I
I
I
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I
20
19
18
17
16
15
14
13
12
11
TSSOP
PEEL™ 18CV8 -5/-7/-10/-15/-25
CMOS Programmable Electrically Erasable Logic Device
Features
s
s
s
s
Multiple Speed Power, Temperature Options
- VCC = 5 Volts ±10%
- Speeds ranging from 5ns to 25 ns
- Power as low as 37mA at 25MHz
- Commercial and industrial versions available
s
s
s
s
CMOS Electrically Erasable Technology
- Superior factory testing
- Reprogrammable in plastic package
- Reduces retrofit and development costs
s
s
s
s
Development / Programmer Support
- Third party software and programmers
- ICT PLACE Development Software and PDS-3
programmer
- PLD-to-PEEL JEDEC file translator
Architectural Flexibility
- Enhanced architecture fits in more logic
- 74 product terms x 36 input AND array
- 10 inputs and 8 I/O pins
- 12 possible macrocell configurations
- Asynchronous clear
- Independent output enables
-- 20 Pin DIP/SOIC/TSSOP and PLCC
s
s
s
s
Application Versatility
- Replaces random logic
- Super sets PLDs (PAL, GAL, EPLD)
- Enhanced Architecture fits more logic than ordinary
PLDs


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn