Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

18CV8 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. 18CV8
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

18CV8 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
04-02-004H
International
CMOS
Technology
®
PEELTM 18CV8
Absolute Maximum Ratings
Operating Range
Symbol
Parameter
Conditions
Rating
Unit
VCC
Supply Voltage
Relative to Ground
-0.5 to + 6.0
V
VI, VO
Voltage Applied to Any Pin
2
Relative to Ground
1
-0.5 to VCC + 0.6
V
IO
Output Current
Per Pin (IOL, IOH)±25
mA
TST
Storage Temperature
-65 to +150
°C
TLT
Lead Temperature
Soldering 10 Seconds
+300
°C
Symbol
Parameter
Conditions
Min
Max
Unit
Vcc
Supply Voltage
Commercial
4.75
5.25
V
Industrial
4.5
5.5
V
TA
Ambient Temperature
Commercial
0
+70
°C
Industrial
-40
+85
°C
TR
Clock Rise Time
See Note 3.
20
ns
TF
Clock Fall TIme
See Note 3.
20
ns
TRVCC
VCC Rise Time
See Note 3.
250
ms
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output HIGH Voltage - TTL
VCC = Min, IOH = -4.0 mA
2.4
V
VOHC
Output HIGH Voltage - CMOS12
VCC = Min, IOH = -10 µA
VCC - 0.3
V
VOL
Output LOW Voltage - TTL
VCC = Min, IOL = 16mA/24mA13
0.5
V
VOLC
Output LOW Voltage - CMOS12
VCC = Min, IOL = 10 µA
0.15
V
VIH
Input HIGH level
2.0
VCC + 0.3
V
VIL
Input LOW Voltage
-0.3
0.8
V
IIL
Input, I/O Leakage Current LOW
Input and I/O pull-ups disabled
VCC = Max, VIN = GND, I/O = High Z
-10
µA
IIP
Input, I/O Leakage Current LOW
Input and I/O pull-ups enabled
VCC = Max, VIN = GND, I/O = High Z
-100
µA
IIH
Input, I/O Leakage Current HIGH
VCC = Max, VIN = VCC, I/O = High Z
0 (Typical)
40
µA
ISC9
Output Short Circuit Current
VCC = 5V, VO = 0.5V, TA = 25°C
-30
-135
mA
ICC10
VCC Current, f=1MHz
VIN = 0V or VCC,
f = 25 MHz
All Outputs disabled
4
-5
90
mA
-7
90
-10
110/115
-15
45/55
-25
37/50
CIN7
Input Capacitance
TA = 25°C, VCC = 5.0V
@ f = 1 MHz
6pF
COUT7
Output Capacitance
12
pF
D.C. Electrical Characteristics Over the operating range (Unless otherwise specified)
This device has been designed and tested for the specified
operating ranges. Proper operation outside of these levels
is not guaranteed. Exposure to absolute maximum ratings
may cause permanent damage.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn