Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKD610JB0J475M060AA Datasheet(PDF) 3 Page - TDK Electronics

Part # CKD610JB0J475M060AA
Description  Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKD610JB0J475M060AA Datasheet(HTML) 3 Page - TDK Electronics

  CKD610JB0J475M060AA Datasheet HTML 1Page - TDK Electronics CKD610JB0J475M060AA Datasheet HTML 2Page - TDK Electronics CKD610JB0J475M060AA Datasheet HTML 3Page - TDK Electronics CKD610JB0J475M060AA Datasheet HTML 4Page - TDK Electronics CKD610JB0J475M060AA Datasheet HTML 5Page - TDK Electronics CKD610JB0J475M060AA Datasheet HTML 6Page - TDK Electronics CKD610JB0J475M060AA Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
001-01 / 20140110 / e4161_ckd.fm
All specifications are subject to change without notice.
(3/7)
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
HAND SOLDERING
PRECAUTIONS FOR USE
Before soldering, be sure to preheat components. The
T pre-
heating temperature must be 150°C max. with attention paid to
thermal shock.
Natural cooling of components in the air is recommended. On
the other hand, when dipping them in a solvent for purposes,
such as cleaning, make sure that the temperature difference
(
T) is 100°C.
When performing hand soldering for circuit modification, apply
the soldering iron to the copper foil area of the printed circuit
board for 3 seconds or less. The temperature of the iron tip
should not exceed 300°C.
Use a wrist band to discharge static electricity in your body
through the grounding wire.
When incorporating the printed circuit board on which this prod-
uct is mounted into a frame, etc., do not apply stress to the prod-
uct through local bending of the board by tightening of screws,
etc.
Overview of CKD Series
Preheating
Soldering
Slow cooling
(Natural cooling)
60 seconds or more
0
260˚C max.
10s max.
Preheating
300
Make as short as possilble (within three seconds)
0


Similar Part No. - CKD610JB0J475M060AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKD610JB0J471S(030A) TDK-CKD610JB0J471S(030A) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD610JB0J471S(030B) TDK-CKD610JB0J471S(030B) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD610JB0J471S(030C) TDK-CKD610JB0J471S(030C) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD610JB0J471S(030D) TDK-CKD610JB0J471S(030D) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD610JB0J471S(085A) TDK-CKD610JB0J471S(085A) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKD610JB0J475M060AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
YFF21PC1A105M TDK-YFF21PC1A105M Datasheet
841Kb / 7P
   Multilayer Ceramic Chip Capacitors Commercial Grade Three-terminal Feed-through Type
logo
List of Unclassifed Man...
CTH ETC-CTH Datasheet
98Kb / 1P
   CHIP TYPE FEED THROUGH CAPACITORS
logo
TDK Electronics
C-SERIES TDK-C-SERIES Datasheet
1Mb / 57P
   MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
March 2023
logo
Vishay Siliconix
DDLK0307 VISHAY-DDLK0307 Datasheet
98Kb / 2P
   Ceramic Singlelayer Feed-Through Capacitors 400VDC
Revision: 31-May-05
DDMZ0315 VISHAY-DDMZ0315_08 Datasheet
102Kb / 2P
   Ceramic Singlelayer Feed-Through Capacitors 400VDC
Revision: 31-May-05
logo
Weidmuller
1028400000 WEIDMULLER-1028400000 Datasheet
391Kb / 9P
   Bolt-type screw terminals, Feed-through terminal
October 6, 2021
logo
TDK Electronics
C0402C0G1C2R2CT TDK-C0402C0G1C2R2CT Datasheet
577Kb / 34P
   Chip type multilayer ceramic capacitors
logo
Vaishali Semiconductor
DDML0312 VAISH-DDML0312 Datasheet
87Kb / 1P
   Ceramic Singlelayer Feed-Through Capacitors 400VDC
logo
Vishay Siliconix
DVZL0425 VISHAY-DVZL0425 Datasheet
95Kb / 2P
   Ceramic Singlelayer Feed-Through Capacitors 400VDC
Revision: 23-May-05
DDMZ0315 VISHAY-DDMZ0315 Datasheet
83Kb / 1P
   Ceramic Singlelayer Feed-Through Capacitors 400VDC
Revision 04-Sep-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com