Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41790B7238Q001 Datasheet(PDF) 7 Page - TDK Electronics

Part # B41790B7238Q001
Description  Axial-lead and soldering star capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41790B7238Q001 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B41790B7238Q001 Datasheet HTML 3Page - TDK Electronics B41790B7238Q001 Datasheet HTML 4Page - TDK Electronics B41790B7238Q001 Datasheet HTML 5Page - TDK Electronics B41790B7238Q001 Datasheet HTML 6Page - TDK Electronics B41790B7238Q001 Datasheet HTML 7Page - TDK Electronics B41790B7238Q001 Datasheet HTML 8Page - TDK Electronics B41790B7238Q001 Datasheet HTML 9Page - TDK Electronics B41790B7238Q001 Datasheet HTML 10Page - TDK Electronics B41790B7238Q001 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Case dimensions and ordering codes
VR
V DC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Ordering code
Axial pallet
Ordering code
Axial reel
Ordering code
Soldering star
25
1200
12
× 30
B41690A5128Q001 B41690A5128Q003 B41790A5128Q001
2000
14
× 30
B41690A5208Q001 B41690A5208Q003 B41790A5208Q001
2900
16
× 30
B41690A5298Q001 B41690A5298Q003 B41790A5298Q001
3000
18
× 25
B41690A5308Q001
B41790A5308Q001
3900
18
× 30
B41690A5398Q001
B41790A5398Q001
4300
16
× 39
B41690A5438Q001
B41790A5438Q001
5000
20
× 29
B41690A5508Q001
5800
18
× 39
B41690A5588Q001
B41790A5588Q001
8000
21
× 39
B41690A5808Q001
B41790A5808Q001
10000
21
× 49
B41690A5109Q001
B41790A5109Q001
35
1000
14
× 25
B41690A7108Q001 B41690A7108Q003 B41790A7108Q001
1400
16
× 25
B41690A7148Q001 B41690A7148Q003 B41790A7148Q001
1900
16
× 30
B41690A7198Q001 B41690A7198Q003 B41790A7198Q001
2300
16
× 35
B41690B7238Q001
B41790B7238Q001
2500
18
× 30
B41690A7258Q001
B41790A7258Q001
3000
20
× 29
B41690A7308Q001
3800
18
× 39
B41690A7388Q001
B41790A7388Q001
5200
21
× 39
B41690A7528Q001
B41790A7528Q001
7000
21
× 49
B41690A7708Q001
B41790A7708Q001
40
600
12
× 30
B41690A7607Q001 B41690A7607Q003 B41790A7607Q001
1000
14
× 30
B41690B7108Q001 B41690B7108Q003 B41790B7108Q001
1400
16
× 30
B41690B7148Q001 B41690B7148Q003 B41790B7148Q001
1800
18
× 30
B41690A7188Q001
B41790A7188Q001
2300
20
× 29
B41690A7238Q001
2700
18
× 39
B41690A7278Q001
B41790A7278Q001
3900
21
× 39
B41690A7398Q001
B41790A7398Q001
5200
21
× 49
B41690B7528Q001
B41790B7528Q001
B41690, B41790
Ultra compact
up to 140
°C
Page 7 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41790B7238Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41790B7238Q001 TDK-B41790B7238Q001 Datasheet
632Kb / 18P
   Aluminum electrolytic capacitors
B41790B7238Q001 TDK-B41790B7238Q001 Datasheet
105Kb / 2P
   Axial Capacitors
More results

Similar Description - B41790B7238Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41791A5108Q001 TDK-B41791A5108Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
B41789K7208Q001 TDK-B41789K7208Q001 Datasheet
407Kb / 19P
   Axial-lead and soldering star capacitors
logo
EPCOS
B41692 EPCOS-B41692 Datasheet
553Kb / 16P
   Axial-lead and soldering star capacitors
B41693 EPCOS-B41693 Datasheet
183Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B41695 EPCOS-B41695 Datasheet
182Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B43693 EPCOS-B43693 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com