Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41789K5178Q001 Datasheet(PDF) 9 Page - TDK Electronics

Part # B41789K5178Q001
Description  Axial-lead and soldering star capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41789K5178Q001 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B41789K5178Q001 Datasheet HTML 5Page - TDK Electronics B41789K5178Q001 Datasheet HTML 6Page - TDK Electronics B41789K5178Q001 Datasheet HTML 7Page - TDK Electronics B41789K5178Q001 Datasheet HTML 8Page - TDK Electronics B41789K5178Q001 Datasheet HTML 9Page - TDK Electronics B41789K5178Q001 Datasheet HTML 10Page - TDK Electronics B41789K5178Q001 Datasheet HTML 11Page - TDK Electronics B41789K5178Q001 Datasheet HTML 12Page - TDK Electronics B41789K5178Q001 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
1) Maximum ripple current at 125
°C capacitor case temperature T
C (measured at aluminum case surface), when mounted to a heat
sink. Further details available upon request.
Technical data
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
m
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
IAC,max1)
10 kHz
TC 125
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
150
°C
A
∇ Increased ripple current due to optimized thermal design
VR = 25 V DC
1000
16
× 25
98
565
53
50
9.2
5.7
3.5
1.7
1000
16
× 25
98
565
53
50
10.1
6.0
3.6
1.8
1200
18
× 25
80
470
43
41
11.1
6.9
4.2
2.1
1200
18
× 25
80
470
43
41
12.2
7.2
4.4
2.2
1300
16
× 30
75
435
41
39
11.4
7.1
4.3
2.2
1300
16
× 30
75
435
41
39
12.5
7.4
4.5
2.2
1500
16
× 35
65
377
35
34
13.3
8.3
5.0
2.5
1500
16
× 35
65
377
35
34
14.6
8.6
5.2
2.6
1700
18
× 30
57
332
31
29
14.1
8.8
5.3
2.7
1700
18
× 30
57
332
31
29
15.5
9.1
5.5
2.8
1800
16
× 39
55
314
30
28
15.1
9.4
5.7
2.9
1800
16
× 39
55
314
30
28
16.6
9.8
5.9
3.0
1900
20
× 29
52
297
28
27
14.5
9.1
5.5
2.7
1900
20
× 29
52
297
28
27
16.0
9.5
5.7
2.9
2200
18
× 39
44
257
24
23
18.3
11.4
6.9
3.4
2200
18
× 39
44
257
24
23
20.1
11.8
7.2
3.6
3300
21
× 39
31
172
17
16
21.0
13.1
7.9
4.0
3300
21
× 39
31
172
17
16
23.2
13.6
8.3
4.1
4500
21
× 49
23
126
13
12
26.5
16.5
10.0
5.0
4500
21
× 49
23
126
13
12
29.2
17.2
10.4
5.2
VR = 40 V DC
560
16
× 25
129
587
53
50
9.2
5.7
3.5
1.7
560
16
× 25
129
587
53
50
10.1
6.0
3.6
1.8
680
18
× 25
105
483
43
41
11.1
6.9
4.2
2.1
680
18
× 25
105
483
43
41
12.3
7.2
4.4
2.2
720
16
× 30
100
457
42
39
11.4
7.1
4.3
2.1
720
16
× 30
100
457
42
39
12.5
7.4
4.5
2.2
820
16
× 35
88
401
36
34
13.2
8.2
5.0
2.5
820
16
× 35
88
401
36
34
14.5
8.6
5.2
2.6
900
18
× 30
80
365
33
31
13.9
8.6
5.2
2.6
900
18
× 30
80
365
33
31
15.2
9.0
5.4
2.7
1000
16
× 39
73
329
30
29
15.1
9.4
5.7
2.8
1000
16
× 39
73
329
30
29
16.6
9.8
5.9
3.0
B41689, B41789
Very high ripple current
up to 150
°C
Page 9 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41789K5178Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41789K5178Q001 TDK-B41789K5178Q001 Datasheet
402Kb / 19P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41789K5178Q001 TDK-B41789K5178Q001 Datasheet
407Kb / 19P
   Aluminum electrolytic capacitors
B41789K5178Q001 TDK-B41789K5178Q001 Datasheet
613Kb / 21P
   Aluminum electrolytic capacitors
B41789K5178Q001 TDK-B41789K5178Q001 Datasheet
99Kb / 2P
   Axial Capacitors
More results

Similar Description - B41789K5178Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41791A5108Q001 TDK-B41791A5108Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
logo
EPCOS
B41692 EPCOS-B41692 Datasheet
553Kb / 16P
   Axial-lead and soldering star capacitors
B41693 EPCOS-B41693 Datasheet
183Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B41695 EPCOS-B41695 Datasheet
182Kb / 10P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41790A5109Q001 TDK-B41790A5109Q001 Datasheet
456Kb / 18P
   Axial-lead and soldering star capacitors
logo
EPCOS
B43693 EPCOS-B43693 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com