Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41789A5128Q001 Datasheet(PDF) 2 Page - TDK Electronics

Part # B41789A5128Q001
Description  Axial-lead and soldering star capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41789A5128Q001 Datasheet(HTML) 2 Page - TDK Electronics

  B41789A5128Q001 Datasheet HTML 1Page - TDK Electronics B41789A5128Q001 Datasheet HTML 2Page - TDK Electronics B41789A5128Q001 Datasheet HTML 3Page - TDK Electronics B41789A5128Q001 Datasheet HTML 4Page - TDK Electronics B41789A5128Q001 Datasheet HTML 5Page - TDK Electronics B41789A5128Q001 Datasheet HTML 6Page - TDK Electronics B41789A5128Q001 Datasheet HTML 7Page - TDK Electronics B41789A5128Q001 Datasheet HTML 8Page - TDK Electronics B41789A5128Q001 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Applications
Automotive electronics
Features
High vibration stability, special design with high vibration
stability up to 45 g available upon request
Very high ripple current capability
Long useful life, 2000 h at up to 150
°C
Low ESR also at 63 V DC
Storage for up to 15 years at a temperature of up to 35
°C.
If the capacitor is stored for longer than two years, the
operating voltage must be applied for one hour to ensure the
specified leakage current.
RoHS-compatible
Construction
Charge/discharge-proof, polar
Aluminum case with insulating sleeve
Negative pole connected to case
Terminals
Axial leads, welded to ensure perfect electrical contact
Soldering star for upright mounting on PCB available
Alternative axial-lead design with double-sided plates for
horizontal mounting available upon request
Taping and packing
Axial-lead capacitors will be delivered in pallet package
Capacitors with d
× l ≤ 16 × 30 mm are also available taped
on reel
Soldering star capacitors are packed in cardboard
Axial-lead and soldering star capacitors
B41689, B41789
Very high ripple current
up to 150
°C
Page 2 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41789A5128Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41789A5128Q001 TDK-B41789A5128Q001 Datasheet
402Kb / 19P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41789A5128Q001 TDK-B41789A5128Q001 Datasheet
407Kb / 19P
   Aluminum electrolytic capacitors
B41789A5128Q001 TDK-B41789A5128Q001 Datasheet
613Kb / 21P
   Aluminum electrolytic capacitors
B41789A5128Q001 TDK-B41789A5128Q001 Datasheet
99Kb / 2P
   Axial Capacitors
More results

Similar Description - B41789A5128Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41791A5108Q001 TDK-B41791A5108Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
logo
EPCOS
B41692 EPCOS-B41692 Datasheet
553Kb / 16P
   Axial-lead and soldering star capacitors
B41693 EPCOS-B41693 Datasheet
183Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B41695 EPCOS-B41695 Datasheet
182Kb / 10P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41790A5109Q001 TDK-B41790A5109Q001 Datasheet
456Kb / 18P
   Axial-lead and soldering star capacitors
logo
EPCOS
B43693 EPCOS-B43693 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com