Electronic Components Datasheet Search |
|
LQB15NNR33M10B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
LQB15NNR33M10B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 2 page LQB15NNR33M10# # indicates a package specification code. < List of part numbers with package codes > LQB15NNR33M10D , LQB15NNR33M10B Shape L size 1.0 ±0.05mm W size 0.5 ±0.05mm T size 0.5 ±0.05mm Size code in inch (mm) 0402 (1005) Specifications Inductance 330nH ±20% Inductance test frequency 25MHz Rated current (Itemp) (Based on Temperature rise) 300mA Max. of DC resistance 0.6Ω Avg. of DC resistance 0.48Ω±25% Q (min.) 10 Q test frequency 25MHz Self resonance frequency (min.) 80MHz Operating temperature range -55∼125℃ Class of magnetic shield Magnetic shield of ferrite Notes When Rated Current is applied to the Products, self-generation of heat will rise to 25℃ or less. References Packaging code Specifications Minimum quantity φ180mm Paper taping 10000 Packing in bulk 1000 Mass (Typ.) 1 piece 0.001g 1 of 2 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last updated: 2016/04/21 |
Similar Part No. - LQB15NNR33M10B |
|
Similar Description - LQB15NNR33M10B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |