Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH0094 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0094
Description  Multifunction Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0094 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LH0094 Datasheet HTML 2Page - National Semiconductor (TI) LH0094 Datasheet HTML 3Page - National Semiconductor (TI) LH0094 Datasheet HTML 4Page - National Semiconductor (TI) LH0094 Datasheet HTML 5Page - National Semiconductor (TI) LH0094 Datasheet HTML 6Page - National Semiconductor (TI) LH0094 Datasheet HTML 7Page - National Semiconductor (TI) LH0094 Datasheet HTML 8Page - National Semiconductor (TI) LH0094 Datasheet HTML 9Page - National Semiconductor (TI) LH0094 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Applications Information (Continued)
6 LOW LEVEL SQUARE ROOT
me1
EOe10
VZ
EO
EO2e10 VZ
EOe
010 VZ
5mVsVZs10V
Trim Procedure
Set VZe10V
Adjust R2 until outpute10000V
FIGURE 10 3-Decade Precision Square Root Circuit Using the LH0094 with me1
Typical Applications
EOe10
VZ10J
m
Trim Procedure
Apply 10V to all inputs
Adjust R2 for output of 10000V
For me02
For me5
TLH5695 – 8
me
R2
R1aR2
Choose R1e200X
R2e50X
me
R1aR2
R2
Choose R2e50X
R1e200X
FIGURE 11 Precision Exponentiator (me02 to 5)
7


Similar Part No. - LH0094

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
More results

Similar Description - LH0094

ManufacturerPart #DatasheetDescription
logo
G.M. International
D6072 GMI-D6072 Datasheet
215Kb / 2P
   SIL2 Multifunction Temperature Converter
logo
List of Unclassifed Man...
ZN525 ETC1-ZN525 Datasheet
407Kb / 8P
   8-BIT MULTIFUNCTION DATA CONVERTER
logo
United Monolithic Semic...
CHR2297 UMS-CHR2297_10 Datasheet
116Kb / 6P
   36-44GHz Multifunction Down-Converter
CHR2297 UMS-CHR2297 Datasheet
315Kb / 6P
   36-44GHz Multifunction (MFC) Down-Converter
logo
Renesas Technology Corp
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
   General Purpose Multifunction DC/DC Converter
logo
Littelfuse
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
   Multifunction
2016 Rev: 1-A-062216
ASQU LITTELFUSE-ASQU Datasheet
420Kb / 2P
   Multifunction
2016 Rev: 1-A-062216
logo
TEMIC Semiconductors
U2102B TEMIC-U2102B Datasheet
205Kb / 16P
   Multifunction Timer
logo
SELEC Controls Pvt. Ltd
XC1200 SELEC-XC1200 Datasheet
161Kb / 1P
   Multifunction Counter
MFM384 SELEC-MFM384 Datasheet
664Kb / 2P
   Multifunction Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com