Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ-036B-SMT Datasheet(PDF) 1 Page - CUI INC

Part # PJ-036B-SMT
Description  2.5mm SURFACE MOUNT POWER JACK
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-036B-SMT Datasheet(HTML) 1 Page - CUI INC

  PJ-036B-SMT Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6.8 0.268
(2 PLCS)
13.6 0.535
3.0 0.118
0.6 0.024
2.0 0.079
9.0 0.354
CENTER PIN DIAMETER 2.5mm Dia.
SCHEMATIC
MODEL NO.
3
2
1
PJ-036B-SMT
9.0 0.354
11.0 0.433
6.50 0.256
0.10 0.004
(TYP)
0.07
6.30 0.248
2.5 0.098
1.6 0.063
4.50 0.177
14.5 0.571
2.6 0.102
1.60 0.063
3.50 0.138
15.20 0.598
0.30
1.60 0.063
1.70 0.067
4.60 0.181
(2 PLCS)
60°
6.8 0.268
(2 PLCS)
0.7 0.028
1
3
2
3.90X6.20
(2 PLCS)
3.30X4.40
3
2
1
PCB LAYOUT
TOP VIEW
REV.
DESCRIPTION
DATE
A
NEW DRAWING
2/2/2007
2.5mm SURFACE MOUNT POWER JACK
COPYRIGHT 2007 BY CUI INC.
TITLE:
MM [INCHES]
SCALE:
PJ-036B-SMT
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
3:1
PJ-036B-SMT
TOLERANCE:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
REV:
A
MATERIAL
TERMINAL 1
BODY
PA6T
Brass
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Website: www.cui.com
RoHS
TERMINAL 2
Copper Alloy
TERMINAL 3
Brass
CENTER PIN
Copper
PLATING
Silver
Silver
Silver
Nickel
SPECIFICATIONS:
RATING: 16V DC @ 2.5A
CONTACT RESISTANCE: 50m OHMS MAX
INSULATION RESISTANCE: 100M OHMS MIN: 500V DC
VOLTAGE WITHSTAND: 500V AC R.M.S. FOR 1 MINUTE
LIFE: 5,000 CYCLES
OPERAING TEMP: -25° ~ +85°C
For more information, please visit the product page
|
For information on related products, view External Power Supplies


Similar Part No. - PJ-036B-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-036BH-SMT CUI-PJ-036BH-SMT Datasheet
154Kb / 3P
   DC POWER JACK
PJ-036BH-SMT-TR CUI-PJ-036BH-SMT-TR Datasheet
337Kb / 4P
   DC POWER JACK
More results

Similar Description - PJ-036B-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-002B-SMT CUI-PJ-002B-SMT Datasheet
264Kb / 1P
   2.5mm SURFACE MOUNT POWER JACK
PJ-037B-SMT CUI-PJ-037B-SMT Datasheet
74Kb / 1P
   2.5mm SURFACE MOUNT POWER JACK
logo
Kycon, Inc.
STX25406 KYCON-STX25406 Datasheet
628Kb / 1P
   Surface Mount 2.5mm Audio Jack
logo
Switchcraft, Inc.
RASM712 SWITCH-RASM712 Datasheet
95Kb / 1P
   POWER JACK, SURFACE MOUNT 0.10 [2.5mm] PIN
RASM712P SWITCH-RASM712P Datasheet
101Kb / 1P
   POWER JACK, SURFACE MOUNT 0.10 [2.5mm] PIN
logo
Kycon, Inc.
STX2550 KYCON-STX2550 Datasheet
511Kb / 1P
   Surface Mount 2.5mm Audio Jack
STX25427 KYCON-STX25427 Datasheet
551Kb / 1P
   Surface Mount 2.5mm Audio Jack
STX2500 KYCON-STX2500 Datasheet
378Kb / 1P
   Surface Mount 2.5mm Audio Jack
logo
CUI INC
MJ-2523-SMT CUI-MJ-2523-SMT Datasheet
287Kb / 1P
   2.5mm SURFACE MOUNT AUDIO JACK-MONO
logo
Switchcraft, Inc.
RAPC712 SWITCH-RAPC712 Datasheet
79Kb / 1P
   POWER JACK, PC MOUNT 0.10 [2.5mm] PIN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com