Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3146 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3146
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3146 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3146 Datasheet HTML 1Page - RF Micro Devices RF3146 Datasheet HTML 2Page - RF Micro Devices RF3146 Datasheet HTML 3Page - RF Micro Devices RF3146 Datasheet HTML 4Page - RF Micro Devices RF3146 Datasheet HTML 5Page - RF Micro Devices RF3146 Datasheet HTML 6Page - RF Micro Devices RF3146 Datasheet HTML 7Page - RF Micro Devices RF3146 Datasheet HTML 8Page - RF Micro Devices RF3146 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2-491
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
DCS/PCS IN
DCS/PCS OUT
BAND SELECT
TX ENABLE
VRAMP
VBATT
GSM IN
GSM OUT
VBATT
37
40
41
45
42
48
31
6
43
Fully Integrated
Power Control Circuit
RF3146
QUAD-BAND GSM850/GSM900/DCS/PCS
POWER AMP MODULE
• 3V Quad-Band GSM Handsets
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• GSM850/EGSM900/DCS/PCS Products
• GPRS Class 12 Compatible
• Power StarTM Module
The RF3146 is a high-power, high-efficiency power ampli-
fier module with integrated power control. The device is a
self-contained 7mmx7mmx0.9mm lead frame module
(LFM) with 50
Ω input and output terminals. The power
control function is also incorporated, eliminating the need
for directional couplers, detector diodes, power control
ASICs and other power control circuitry; this allows the
module to be driven directly from the DAC output. The
device is designed for use as the final RF amplifier in
GSM850, EGSM900, DCS and PCS handheld digital cel-
lular equipment and other applications in the 824MHz to
849MHz, 880MHz to 915MHz, 1710MHz to 1785MHz
and 1850MHz to 1910MHz bands. On-board power con-
trol provides over 50dB of control range with an analog
voltage input; and, power down with a logic “low” for
standby operation.
• Integrated VREG
• Complete Power Control Solution
• +35dBm GSM Output Power at 3.5V
• +33dBm DCS/PCS Output Power at 3.5V
• 60% GSM and 55% DCS/PCS EFF
• 7mmx7mmx0.9mm Package Size
RF3146
Quad-Band GSM850/GSM900/DCS/PCS Power
Amp Module
RF3146 SB
Power Amp Module 5-Piece Sample Pack
RF3146 PCBA
Fully Assembled Evaluation Board
0
Rev A7 040812 W3
Dimensions in mm.
Shaded lead is pin 1.
-B-
2 PLCS
0.10 C B
2 PLCS
0.10 C A
2 PLCS
0.10 C B
3.50 TYP
3.37 TYP
-A-
2 PLCS
0.10 C A
7.00 TYP
6.75 TYP
0.70
0.65
0.90
0.85
0.08 C
0.05
0.00
SEATING
PLANE
-C-
0.10
C AB
M
2.20
1.90
5.25
4.95
0.50
0.30
TYP
0.30
0.60
0.24
TYP
0.60
0.24
TYP
0.30
0.18
0.50
Package Style: LFM, 48-Pin, 7mm x7mmx0.9mm
Preliminary


Similar Part No. - RF3146

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3146 RFMD-RF3146 Datasheet
155Kb / 6P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146D RFMD-RF3146D Datasheet
251Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3146DPCBA-41X RFMD-RF3146DPCBA-41X Datasheet
251Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3146DSB RFMD-RF3146DSB Datasheet
251Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3146PCBA-41X RFMD-RF3146PCBA-41X Datasheet
268Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results

Similar Description - RF3146

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_06 Datasheet
268Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3161 RFMD-RF3161 Datasheet
101Kb / 2P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166_1 Datasheet
390Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140 Datasheet
206Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com