Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM3012T-1R0M Datasheet(PDF) 6 Page - TDK Electronics

Part # SPM3012T-1R0M
Description  Inductors for Power Circuits Wound Metallic Magnetic Material
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM3012T-1R0M Datasheet(HTML) 6 Page - TDK Electronics

  SPM3012T-1R0M Datasheet HTML 1Page - TDK Electronics SPM3012T-1R0M Datasheet HTML 2Page - TDK Electronics SPM3012T-1R0M Datasheet HTML 3Page - TDK Electronics SPM3012T-1R0M Datasheet HTML 4Page - TDK Electronics SPM3012T-1R0M Datasheet HTML 5Page - TDK Electronics SPM3012T-1R0M Datasheet HTML 6Page - TDK Electronics SPM3012T-1R0M Datasheet HTML 7Page - TDK Electronics SPM3012T-1R0M Datasheet HTML 8Page - TDK Electronics SPM3012T-1R0M Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(6/9)
INDUC
T
O
RS
20150322 / inductor_commercial_power_spm3012_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
SPM3012 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the initial value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
DC resistance
Rated current
Part No.
Idc1
Idc1
Idc2
(μH)
Tolerance
(kHz)
(m
: )max.
(m
: )typ.
(A)max.
(A)typ.
(A)typ.
1.0
±20%
100
62.7
57
4.1
5.4
2.8
SPM3012T-1R0M
1.5
±20%
100
84.7
77
3.5
4.7
2.5
SPM3012T-1R5M
2.2
±20%
100
110
100
2.6
3.4
2.2
SPM3012T-2R2M
3.3
±20%
100
210.5
183
2.1
2.8
1.5
SPM3012T-3R3M
4.7
±20%
100
266.8
232
1.8
2.4
1.3
SPM3012T-4R7M
Measurement item
Product No.
Manufacturer
L
4284A
Agilent Technologies
DC resistance
AX-111A
ADEX
Rated current Idc1
4284A+42841A+42842C
Agilent Technologies


Similar Part No. - SPM3012T-1R0M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM3012T-1R0M TDK-SPM3012T-1R0M Datasheet
3Mb / 25P
   Inductors for Power Circuits Wound Metallic Magnetic Material
SPM3012T-1R0M-LR TDK-SPM3012T-1R0M-LR Datasheet
130Kb / 9P
   Inductors for Power Circuits
More results

Similar Description - SPM3012T-1R0M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM6530T-1R0M120 TDK-SPM6530T-1R0M120 Datasheet
3Mb / 25P
   Inductors for Power Circuits Wound Metallic Magnetic Material
SPM3012 TDK-SPM3012 Datasheet
3Mb / 25P
   Inductors for Power Circuits Wound Metallic Magnetic Material SPM series
TFM201610GHM TDK-TFM201610GHM Datasheet
173Kb / 4P
   Inductors for power circuits Thin-film metal magnetic material
20211111
TFM201610ALM TDK-TFM201610ALM Datasheet
173Kb / 4P
   Inductors for power circuits Thin-film metal magnetic material
20211111
TFM160808ALC TDK-TFM160808ALC Datasheet
170Kb / 4P
   Inductors for power circuits Thin-film metal magnetic material
20211102
TFM252012ALMA TDK-TFM252012ALMA Datasheet
183Kb / 4P
   Inductors for power circuits Thin-film metal magnetic material
20200823
VLCF4024T-101MR30-2 TDK-VLCF4024T-101MR30-2 Datasheet
5Mb / 41P
   Inductors for Power Circuits Wound Ferrite
VLS252012ET-2R2M TDK-VLS252012ET-2R2M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLS2012ET-4R7M TDK-VLS2012ET-4R7M Datasheet
7Mb / 53P
   Inductors for Power Circuits Wound Ferrite
VLP8040T-221M TDK-VLP8040T-221M Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com