Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV99W Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # BAV99W
Description  Dual Serise Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAV99W Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  BAV99W Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAV99W Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAV99W Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120305
BAV99W
Dual Serise
Switching Diodes
DEVICE MARKING
BAV99W = A7
MAXIMUM RATINGS (Each Diode)
Rating
Symbol
Value
Unit
Reverse Voltag
VR
70
Vdc
Forward Current
IF
215
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Repetitive Peak Reverse Voltage
VRRM
70
V
Average Rectified Forward
IF(AV)
715
mA
Current (Note 1.)
(averaged over any 20 ms period)
Repetitive Peak Forward Current
IFRM
450
mA
Non–Repetitive Peak Forward Current
IFSM
A
t = 1.0
µs
2.0
t = 1.0 ms
1.0
t = 1.0 S
0.5
1. FR–5 = 1.0
× 0.75 × 0.062 in.
SOT-323
3
CATHODE/ANODE
ANODE
1
CATHODE
2
BAV99W
3
CATHODE/ANODE
CATHODE
1
ANODE
2
BAV99RW
BAV99W
SOT–323
3000/Tape & Reel
Device
Package
Shipping
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
ORDERING INFORMATION
The BAV99W is a smaller package, equivalent to the BAV99
Suggested Applications
• ESD Protection
• Polarity Reversal Protection
• Data Line Protection
• Inductive Load Protection
• Steering Logic
Features
1
2
3
H


Similar Part No. - BAV99W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99W PANJIT-BAV99W Datasheet
111Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
SUNMATE electronic Co.,...
BAV99W SUNMATE-BAV99W Datasheet
1Mb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV99W WTE-BAV99W Datasheet
50Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Nexperia B.V. All right...
BAV99W NEXPERIA-BAV99W Datasheet
201Kb / 10P
   High-speed switching diode
1 July 2022
logo
SeCoS Halbleitertechnol...
BAV99W SECOS-BAV99W Datasheet
217Kb / 2P
   Surface Mount Switching Diode
More results

Similar Description - BAV99W

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
BAV99W-A YEASHIN-BAV99W-A Datasheet
722Kb / 4P
   Dual Serise Switching Diodes
logo
Leshan Radio Company
LDAN202UT1G LRC-LDAN202UT1G_15 Datasheet
82Kb / 3P
   Dual Serise Switching Diodes
LDAN202KLT1G LRC-LDAN202KLT1G Datasheet
219Kb / 3P
   Dual Serise Switching Diodes
logo
First Silicon Co., Ltd
FDS99U FS-FDS99U Datasheet
268Kb / 4P
   Dual Serise Switching Diodes
logo
Leshan Radio Company
LDAN202UT1 LRC-LDAN202UT1 Datasheet
79Kb / 3P
   Dual Serise Switching Diodes
LDAN202KLT1G LRC-LDAN202KLT1G_15 Datasheet
67Kb / 3P
   Dual Serise Switching Diodes
LBAV99WT1 LRC-LBAV99WT1 Datasheet
86Kb / 3P
   Dual Serise Switching Diodes
BAV99WT1 LRC-BAV99WT1 Datasheet
61Kb / 3P
   Dual Serise Switching Diodes
logo
SHIKUES Electronics
BAV199 SKTECHNOLGY-BAV199 Datasheet
648Kb / 2P
   Dual Serise Switching Diode
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
   SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com