Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S07G Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S07G
Description  Small Surface Mount Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S07G Datasheet(HTML) 2 Page - Vishay Siliconix

  S07G Datasheet HTML 1Page - Vishay Siliconix S07G Datasheet HTML 2Page - Vishay Siliconix S07G Datasheet HTML 3Page - Vishay Siliconix S07G Datasheet HTML 4Page - Vishay Siliconix S07G Datasheet HTML 5Page - Vishay Siliconix S07G Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85733
Rev. 1.8, 24-Mar-04
VISHAY
S07B / 07D / 07G / 07J / 07M
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
2) Mounted on epoxy substrate with 3 x 3 mm CU pads (≥ 40 µm thick)
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
3) Pulse test: 300 µ pulse width, 1 % duty cycle
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air2)
RθJA
180
K/W
Operating junction and storage
temperature range
TJ, TSTG
- 55 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Maximum instantaneous
forward voltage
1.0 A3)
VF
1.1
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
IR
10
µA
TA = 125 °C
IR
50
µA
Reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
1.8
µs
Typical capacitance at 4 V, MHz
Cj
4pF
Fig. 1 Forward Current Derating Curve
0
0.6
0.8
1.2
1.0
0
20
40
60
80
100
120
140
160
Ambient Temperature (jC)
0.4
0.2
Resistive or Inductive Load
3.0 x 3.0mm
40
µm
Thick Copper Pad Areas
17375
Fig. 2 Typical Instantaneous Forward Characteristics
100
1000
600
700
800
900
1000
1100
Instantaneous Forward Voltage (mV)
TJ = 150
°C
TJ =25
°C
TJ = 100
°C
17376


Similar Part No. - S07G

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S07G BILIN-S07G Datasheet
122Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
S07G VISHAY-S07G Datasheet
121Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07G VISHAY-S07G Datasheet
120Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07G VISHAY-S07G Datasheet
80Kb / 6P
   Small Signal Switching Diode, High Voltage
Rev. 2.0, 20-Aug-10
logo
Shenzhen Luguang Electr...
S07G LUGUANG-S07G Datasheet
208Kb / 3P
   Surface Mount Rectifiers
More results

Similar Description - S07G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
   Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
   Surface mount Small Signal Diodes
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
   Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
   Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
   Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
   Surface Mount Small Signal Diodes
logo
Pan Jit International I...
US1001FL PANJIT-US1001FL_10 Datasheet
82Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
logo
Diotec Semiconductor
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
   Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_09 Datasheet
107Kb / 2P
   Surface Mount Small Signal Diodes
logo
Vishay Siliconix
ES07B-M VISHAY-ES07B-M Datasheet
80Kb / 5P
   Small Surface Mount Ultrafast Diodes
Rev. 1.1, 01-Sep-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com