Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8MC Datasheet(PDF) 4 Page - Taiwan Memory Technology

Part # S8MC
Description  8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S8MC Datasheet(HTML) 4 Page - Taiwan Memory Technology

  S8MC Datasheet HTML 1Page - Taiwan Memory Technology S8MC Datasheet HTML 2Page - Taiwan Memory Technology S8MC Datasheet HTML 3Page - Taiwan Memory Technology S8MC Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CREAT BY ART
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_D0000010
Version: C15
S8GC - S8MC
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


Similar Part No. - S8MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S8MC DIODES-S8MC Datasheet
119Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
S8MC TSC-S8MC Datasheet
199Kb / 3P
   Surface Mount Glass Passivated Rectifier
S8MC TSC-S8MC Datasheet
232Kb / 4P
   8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Shenzhen Luguang Electr...
S8MC LUGUANG-S8MC Datasheet
498Kb / 2P
   Reverse Voltage :50 to 1000 Volts
logo
SMC Diode Solutions Co....
S8MC SMCDIODE-S8MC Datasheet
271Kb / 4P
   S8MC STANDARD RECTIFIER
Rev.A
More results

Similar Description - S8MC

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S8GC TSC-S8GC_14 Datasheet
232Kb / 4P
   8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
S8GC-T TSC-S8GC-T Datasheet
290Kb / 5P
   8A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S15GC TSC-S15GC Datasheet
176Kb / 4P
   15A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Taiwan Memory Technolog...
S5GB TMT-S5GB_16 Datasheet
180Kb / 4P
   5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
GBU804-K TSC-GBU804-K Datasheet
187Kb / 4P
   8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU804-K TSC-GBU804-K_16 Datasheet
187Kb / 4P
   8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
S8GCH TSC-S8GCH Datasheet
429Kb / 5P
   8A, 400V - 1000V Surface Mount Rectifier
S10GC TSC-S10GC Datasheet
288Kb / 5P
   10A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S12GC TSC-S12GC Datasheet
289Kb / 5P
   12A, 400V - 1000V Surface Mount Glass Passivated Rectifier
logo
Taiwan Memory Technolog...
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
   8A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com