Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4D Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # S4D
Description  4A, 50V - 1000V Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S4D Datasheet(HTML) 3 Page - Taiwan Memory Technology

  S4D Datasheet HTML 1Page - Taiwan Memory Technology S4D Datasheet HTML 2Page - Taiwan Memory Technology S4D Datasheet HTML 3Page - Taiwan Memory Technology S4D Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
2.90
3.20
0.114
0.126
B
6.60
7.11
0.260
0.280
C
5.59
6.22
0.220
0.245
D
2.00
2.62
0.079
0.103
E
1.00
1.60
0.039
0.063
F
7.75
8.13
0.305
0.320
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
P/N
= Specific Device Code
G
= Green Compound
YW
= Date Code
F
= Factory Code
Document Number: DS_D1410019
Version: H15
S4A - S4M
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DO-214AB (SMC)
DIM.
Unit (mm)
Unit (inch)
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
Unit (inch)
A
3.3
0.130
B
2.5
0.098
C
6.8
0.268
MARKING DIAGRAM
D
4.4
0.173
E
9.4
0.370
1
10
100
1
10
100
REVERSE VOLTAGE. (V)
FIG.5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


Similar Part No. - S4D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S4D TSC-S4D Datasheet
49Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4D TSC-S4D Datasheet
279Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4D TSC-S4D Datasheet
457Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
S4D TSC-S4D Datasheet
192Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
S4D LUGUANG-S4D Datasheet
237Kb / 2P
   4.0AMPS. Surface Mount Rectifiers
More results

Similar Description - S4D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S4AH TSC-S4AH Datasheet
584Kb / 6P
   4A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Memory Technolog...
S3A TMT-S3A_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
   2A, 50V - 1000V Surface Mount Rectifiers
S5A TMT-S5A_16 Datasheet
359Kb / 4P
   5A, 50V - 1000V Surface Mount Rectifiers
S1A TMT-S1A_16 Datasheet
364Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
S3AB TMT-S3AB_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
S1AB TMT-S1AB_16 Datasheet
189Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
logo
SeCoS Halbleitertechnol...
GBP4005 SECOS-GBP4005 Datasheet
347Kb / 2P
   4A, 50V ~ 1000V Glass Passivated Bridge Rectifiers
GBL4005 SECOS-GBL4005 Datasheet
286Kb / 2P
   50V ~ 1000V, 4A Glass Passivated Bridge Rectifiers
QG301B SECOS-QG301B Datasheet
145Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0Amp Surface Mount Silicon Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com