Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5G Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # S5G
Description  5A, 50V - 1000V Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S5G Datasheet(HTML) 2 Page - Taiwan Memory Technology

  S5G Datasheet HTML 1Page - Taiwan Memory Technology S5G Datasheet HTML 2Page - Taiwan Memory Technology S5G Datasheet HTML 3Page - Taiwan Memory Technology S5G Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
RATINGS AND CHARACTERISTICS CURVES
(TA=25°C unless otherwise noted)
Document Number: DS_D1410020
Version: C15
S5A - S5M
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
H
R7
G
SMC
850 / 7" Plastic reel
R6
SMC
3,000 / 13" Paper reel
M6
SMC
3,000 / 13" Plastic reel
Note 1: "xx" defines voltage from 50V (S5A) to 1000V (S5M)
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
S5x
(Note 1)
AEC-Q101 qualified
Green compound
S5MHR7G
S5M
H
R7
G
0
1
2
3
4
5
6
0
25
50
75
100
125
150
LEAD TEMPERATURE. (°C)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
RESISTIVE OR
INDUCTIVE LOAD
10
100
110
100
NUMBER OF CYCLES AT 60 Hz
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
TJ=125°C
TJ=25°C
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
FORWARD VOLTAGE (V)
FIG.4 TYPICAL FORWARD CHARACTERISTICS
PULSE WIDTH-300μs
1% DUTY CYCLE


Similar Part No. - S5G

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
S5G DAESAN-S5G Datasheet
458Kb / 2P
   STANDARD RECTIFIER
logo
Micro Commercial Compon...
S5G MCC-S5G Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shenzhen Taychipst Elec...
S5G TAYCHIPST-S5G Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Yixinwei Techn...
S5G YIXIN-S5G Datasheet
482Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
S5G PANJIT-S5G Datasheet
413Kb / 5P
   SURFACE MOUNT RECTIFIER
May 7,2018REV.
More results

Similar Description - S5G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S5AC-K TSC-S5AC-K Datasheet
312Kb / 5P
   5A, 50V - 1000V Surface Mount Rectifier
S5AH TSC-S5AH Datasheet
569Kb / 6P
   5A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Memory Technolog...
S4A TMT-S4A_16 Datasheet
359Kb / 4P
   4A, 50V - 1000V Surface Mount Rectifiers
S3A TMT-S3A_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
   2A, 50V - 1000V Surface Mount Rectifiers
S1A TMT-S1A_16 Datasheet
364Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
S3AB TMT-S3AB_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
S1AB TMT-S1AB_16 Datasheet
189Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
S5GB TMT-S5GB_16 Datasheet
180Kb / 4P
   5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
QG301B SECOS-QG301B Datasheet
145Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0Amp Surface Mount Silicon Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com