Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3D Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # S3D
Description  3A, 50V - 1000V Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S3D Datasheet(HTML) 3 Page - Taiwan Memory Technology

  S3D Datasheet HTML 1Page - Taiwan Memory Technology S3D Datasheet HTML 2Page - Taiwan Memory Technology S3D Datasheet HTML 3Page - Taiwan Memory Technology S3D Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
2.90
3.20
0.114
0.126
B
6.60
7.11
0.260
0.280
C
5.59
6.22
0.220
0.245
D
2.00
2.62
0.079
0.103
E
1.00
1.60
0.039
0.063
F
7.75
8.13
0.305
0.320
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
P/N
= Specific Device Code
G
= Green Compound
YW
= Date Code
F
= Factory Code
Document Number: DS_D1410016
Version: K15
S3A - S3M
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
DO-214AB (SMC)
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
Unit (inch)
A
3.3
0.130
B
2.5
0.098
C
6.8
0.268
MARKING DIAGRAM
D
4.4
0.173
E
9.4
0.370
1
10
100
0.01
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


Similar Part No. - S3D

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
S3D DIOTECH-S3D Datasheet
716Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Pan Jit International I...
S3D PANJIT-S3D Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Micro Commercial Compon...
S3D MCC-S3D Datasheet
630Kb / 4P
   3 Amp Silicon Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
S3D ETC2-S3D Datasheet
530Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
logo
Semikron International
S3D SEMIKRON-S3D Datasheet
115Kb / 2P
   Standard silicon rectifier diodes
More results

Similar Description - S3D

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
S3AB TMT-S3AB_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S3ABH TSC-S3ABH Datasheet
553Kb / 6P
   3A, 50V - 1000V Surface Mount Rectifier
S3AH TSC-S3AH Datasheet
577Kb / 6P
   3A, 50V - 1000V Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S3ABH TS-S3ABH Datasheet
553Kb / 6P
   3A, 50V - 1000V Surface Mount Rectifier
S3AH TS-S3AH Datasheet
577Kb / 6P
   3A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S3A-T TSC-S3A-T Datasheet
304Kb / 5P
   3A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400_16 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
S4A TMT-S4A_16 Datasheet
359Kb / 4P
   4A, 50V - 1000V Surface Mount Rectifiers
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
   2A, 50V - 1000V Surface Mount Rectifiers
S5A TMT-S5A_16 Datasheet
359Kb / 4P
   5A, 50V - 1000V Surface Mount Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com