Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1K Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # S1K
Description  1A, 50V - 1000V Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S1K Datasheet(HTML) 3 Page - Taiwan Memory Technology

  S1K Datasheet HTML 1Page - Taiwan Memory Technology S1K Datasheet HTML 2Page - Taiwan Memory Technology S1K Datasheet HTML 3Page - Taiwan Memory Technology S1K Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
1.27
1.58
0.050
0.062
B
4.06
4.60
0.160
0.181
C
2.29
2.83
0.090
0.111
D
1.99
2.50
0.078
0.098
E
0.90
1.41
0.035
0.056
F
4.95
5.33
0.195
0.210
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
P/N =
Specific Device Code
G =
Green Compound
YW =
Date Code
F =
Factory Code
Document Number: DS_D1411068
Version: R15
S1A - S1M
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
DO-214AC (SMA)
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
Unit (inch)
A
1.68
0.066
B
1.52
0.060
C
3.93
0.155
MARKING DIAGRAM
D
2.41
0.095
E
5.45
0.215
1
10
100
0.01
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


Similar Part No. - S1K

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S1K EIC-S1K Datasheet
52Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Pan Jit International I...
S1K PANJIT-S1K Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
S1K DIOTEC-S1K Datasheet
157Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Kingtronics Internation...
S1K KINGTRONICS-S1K Datasheet
911Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Micro Commercial Compon...
S1K MCC-S1K Datasheet
618Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S1K

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
S1AB TMT-S1AB_16 Datasheet
189Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
S1AL TMT-S1AL_16 Datasheet
185Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S1ABH TSC-S1ABH Datasheet
411Kb / 6P
   1A, 50V - 1000V Surface Mount Rectifier
S1AH TSC-S1AH Datasheet
563Kb / 6P
   1A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Memory Technolog...
1N4001S TMT-1N4001S_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Silicon Rectifiers
logo
Taiwan Semiconductor Co...
S1ALH TSC-S1ALH Datasheet
425Kb / 5P
   1A, 50V - 1000V Standard Surface Mount Rectifier
logo
Taiwan Memory Technolog...
S4A TMT-S4A_16 Datasheet
359Kb / 4P
   4A, 50V - 1000V Surface Mount Rectifiers
S3A TMT-S3A_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S1DLW TSC-S1DLW Datasheet
196Kb / 4P
   1A, 200V - 1000V Surface Mount Rectifiers
logo
Taiwan Memory Technolog...
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
   2A, 50V - 1000V Surface Mount Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com