Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR103G Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # FR103G
Description  1A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

FR103G Datasheet(HTML) 3 Page - Taiwan Memory Technology

  FR103G Datasheet HTML 1Page - Taiwan Memory Technology FR103G Datasheet HTML 2Page - Taiwan Memory Technology FR103G Datasheet HTML 3Page - Taiwan Memory Technology FR103G Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
Min
Max
Min
Max
A
2.00
2.70
0.079
0.106
B
0.71
0.86
0.028
0.034
C
25.40
-
1.000
-
D
4.20
5.20
0.165
0.205
E
25.40
-
1.000
-
P/N =
Specific Device Code
G =
Green Compound
YWW =
Date Code
F =
Factory Code
Document Number: DS_D1410034
Version: G15
MARKING DIAGRAM
FR101G - FR107G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DO-204AL (DO-41)
DIM.
Unit (mm)
Unit (inch)
1
10
100
1
10
100
REVERSE VOLTAGE (V)
FIG. 4- TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


Similar Part No. - FR103G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR103G RECTRON-FR103G Datasheet
257Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Microdiode Electronics ...
FR103G CHENDA-FR103G Datasheet
533Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
FR103G TSC-FR103G Datasheet
68Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
logo
SMC Diode Solutions Co....
FR103G SMCDIODE-FR103G Datasheet
322Kb / 4P
   FR101G THRU FR107G FAST RECOVERY GLASS PASSIVATED RECTIFIERS
Rev. A
logo
SeCoS Halbleitertechnol...
FR103G SECOS-FR103G Datasheet
174Kb / 2P
   1.0 A, Glass Passivated Fast Rectifiers
More results

Similar Description - FR103G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
F1T1G-K TSC-F1T1G-K Datasheet
409Kb / 6P
   1A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
logo
Taiwan Memory Technolog...
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
1N4001G TMT-1N4001G_16 Datasheet
172Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
FR151G TSC-FR151G_15 Datasheet
386Kb / 4P
   1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
   1A, 50V - 1000V Glass Passivated Bridge Rectifiers
HER101SG TSC-HER101SG_15 Datasheet
385Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifiers
1T1G-K TSC-1T1G-K Datasheet
408Kb / 6P
   1A, 50V - 1000V Glass Passivated Rectifier
logo
Taiwan Memory Technolog...
HDBL101G TMT-HDBL101G_16 Datasheet
370Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
logo
Taiwan Semiconductor Co...
FR201G-T TSC-FR201G-T Datasheet
410Kb / 6P
   2A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
FR301G-K TSC-FR301G-K Datasheet
412Kb / 6P
   3A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com