Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF07A Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # UF07A
Description  1 Amp Ultra Fast Recovery
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

UF07A Datasheet(HTML) 1 Page - Nanjing International Group Co

  UF07A Datasheet HTML 1Page - Nanjing International Group Co UF07A Datasheet HTML 2Page - Nanjing International Group Co UF07A Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF
07A THRU UF07M
Recovery
Silicon Rectifier
50 to 1000 Volts
Features
Low Cost
Ultra fast Recovery
High Reliability
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
Maximum Ratings
Operating Temperature: -65 C to +150 C
Storage Temperature: -65 C to +150 C
Maximum Thermal Resistance; 180 C/W Junction To Ambient.
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
UF
07A
U1
50V
35V
50V
UF
07B
U2
100V
70V
100V
UF
07D
U3
200V
140V
200V
UF
07G
U4
400V
280V
400V
UF
07J
U5
600V
420V
600V
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TL = 90 C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
UF
07A-07D
UF
07G
UF
07J-07M
VF
1.0V
1.40V
1.70V
IFM = 1.0A;
Ta = 25 C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 A
50 A
Ta = 25 C
Ta = 125 C
Maximum Reverse
Recovery Time
Typical Junction
Capacitance
CJ
20pF
Measured at
1.0MHz, VR=4.0V
SOD-123FL
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
.037
.053
0.95
1.35
E
.020
.039
0.50
1.00
G
.010
-----
0.25
-----
H
-----
.008
----
.20
A
B
E
C
D
H
G
UF
07A-07D
UF
07G
U07J-07M
Trr
35ns
50ns
75ns
IF = 0.5A,IR=1.0A,
Trr= 0.25
Α
UF
07K
U6
800V
560V
800V
UF
07M
U7
1000V
700V
1000V
1 Amp Ultra Fast Recovery


Similar Part No. - UF07A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
UF07A TAYCHIPST-UF07A Datasheet
3Mb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
UF07A LUGUANG-UF07A Datasheet
218Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Diode Semiconductor Kor...
UF07A DSK-UF07A Datasheet
266Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
SUNMATE electronic Co.,...
UF07A SUNMATE-UF07A Datasheet
322Kb / 2P
   SUFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
More results

Similar Description - UF07A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
US1001FL DGNJDZ-US1001FL Datasheet
292Kb / 3P
   1 Amp Ultra Fast Recovery
UFM11 DGNJDZ-UFM11 Datasheet
962Kb / 3P
   1 Amp Ultra Fast Recovery
logo
Micro Commercial Compon...
ER1A MCC-ER1A_06 Datasheet
263Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier Silicon Rectifier
logo
Solid States Devices, I...
SDR1A SSDI-SDR1A Datasheet
125Kb / 2P
   1 AMP ULTRA FAST RECOVERY RECTIFIER 50-1200 VOLTS
logo
Nanjing International G...
DSF1A DGNJDZ-DSF1A Datasheet
336Kb / 2P
   1 Amp Super Fast Recovery
logo
List of Unclassifed Man...
1N4933 ETC-1N4933 Datasheet
764Kb / 1P
   1 AMP FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
MFS112 MICROSEMI-MFS112 Datasheet
102Kb / 2P
   1 AMP FAST RECOVERY RECTIFIER
logo
Fuji Electric
PR1001 FUJI-PR1001 Datasheet
769Kb / 1P
   1 AMP FAST RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
1N5615 NJSEMI-1N5615 Datasheet
104Kb / 1P
   RECTIFIERS Fast Recovery, 1 Amp
logo
Nanjing International G...
SFM11PL DGNJDZ-SFM11PL Datasheet
105Kb / 2P
   1 Amp Super Fast Recovery
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com