Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLV32T-R68J-PFD Datasheet(PDF) 8 Page - TDK Electronics

Part # NLV32T-R68J-PFD
Description  Inductors for Standard Circuits Wound Ferrite
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-R68J-PFD Datasheet(HTML) 8 Page - TDK Electronics

Back Button NLV32T-R68J-PFD Datasheet HTML 2Page - TDK Electronics NLV32T-R68J-PFD Datasheet HTML 3Page - TDK Electronics NLV32T-R68J-PFD Datasheet HTML 4Page - TDK Electronics NLV32T-R68J-PFD Datasheet HTML 5Page - TDK Electronics NLV32T-R68J-PFD Datasheet HTML 6Page - TDK Electronics NLV32T-R68J-PFD Datasheet HTML 7Page - TDK Electronics NLV32T-R68J-PFD Datasheet HTML 8Page - TDK Electronics NLV32T-R68J-PFD Datasheet HTML 9Page - TDK Electronics NLV32T-R68J-PFD Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
(8/10)
INDUC
T
O
RS
20150122 / inductor_automotive_standard_nlv32-pfd_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLV32-PFD Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.1
1
10
100
1000
0.001
10000
1000
0.1
1
10
100
0.01
Frequency(MHz)
471J
391J
820J
181J
151J
331J
271J
121J
100J
8R2J
6R8J
3R9J
2R2J
1R8J
3R3J
2R7J
5R6J
4R7J
680J
560J
470J
270J
150J
120J
390J
330J
180J
220J
R22J
R10J
082J
R12J
068J
R18J
R15J
056J
047J
1R5J
1R2J
1R0J
R82J
R68J
R56J
R47J
R39J
R33J
R27J
033J
027J
022J
018J
015J
012J
010J
221J
101J
039J
Product No.
Manufacturer
4291A
Agilent Technologies
4294A
Agilent Technologies


Similar Part No. - NLV32T-R68J-PFD

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV32T-R68J-PF TDK-NLV32T-R68J-PF Datasheet
45Kb / 3P
   For General Applications SMD
NLV32T-R68J-PF TDK-NLV32T-R68J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NLV32T-R68J-PF TDK-NLV32T-R68J-PF Datasheet
141Kb / 3P
   Inductors (Coils)
More results

Similar Description - NLV32T-R68J-PFD

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-1R8J-PF TDK-NLV25T-1R8J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-010J-PF TDK-NLV25T-010J-PF_15 Datasheet
132Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-100J-PF TDK-NL453232T-100J-PF_15 Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-047J-PF TDK-NLV25T-047J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
NL453232 TDK-NL453232 Datasheet
1Mb / 13P
   Inductors for Standard Circuits Wound Ferrite
SLF6025T-100M1R0-PF TDK-SLF6025T-100M1R0-PF_16 Datasheet
137Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF6045T-100M TDK-CLF6045T-100M Datasheet
127Kb / 9P
   Inductors for Power Circuits Wound Ferrite
SLF7055T-100M2R5-3PF TDK-SLF7055T-100M2R5-3PF_16 Datasheet
141Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com