Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCDS3UG661HD3N Datasheet(PDF) 5 Page - TDK Electronics

Part # NTCDS3UG661HD3N
Description  NTC Thermistors Element
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCDS3UG661HD3N Datasheet(HTML) 5 Page - TDK Electronics

  NTCDS3UG661HD3N Datasheet HTML 1Page - TDK Electronics NTCDS3UG661HD3N Datasheet HTML 2Page - TDK Electronics NTCDS3UG661HD3N Datasheet HTML 3Page - TDK Electronics NTCDS3UG661HD3N Datasheet HTML 4Page - TDK Electronics NTCDS3UG661HD3N Datasheet HTML 5Page - TDK Electronics NTCDS3UG661HD3N Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(5/6)
20160304 / sensor_ntc-thermistor_element_en.fm
SENSORS
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NTCDS Series (Glass-encapsulated NTC thermistors, Dimensional code 4)
SHAPE & DIMENSIONS
Dimensional code 4 (4.0
uø2.0mm)
CHARACTERISTICS
Temperature coefficient
The relationship between temperature coefficient
D and B constant can be expressed as follows:
B
D= – — u100(%/°C)
T2
Example: The temperature coefficient at 20°C with B=3400K can be calculated at –4%/°C.
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLES
Dimensional code
4(4.0
uø2.0mm)
Heat dissipation constant[in still air]
2mW/°C
Thermal time constant[in still air]
20s max.
Insulation resistance[between lead and glass]
50M
: min.[DC.500V]
Part No.
Nominal resistance
Resistance
B constant
Lead wire
plating
Operating
temperature ranges
(0°C)
(100°C)
(25°C)
NTCDS3HG552HB4N
5.499k
:
2.000k
:
B25/85: 3392K±2%
B0/100: 3366K±2%
Ni
–40 to 250°C
NTCDS3HG602HB4N
6k
:
2.186k
:
B25/85: 3392K±2%
B0/100: 3366K±2%
NTCDS3HG273HB4N
27.18k
:
10.00k
:
B25/85: 3400K±2%
B0/100: 3368K±2%
NTCDS3KG471HD4N
0.470k
:
4.961k
:
B25/85: 3480K±2%
B0/100: 3450K±2%
NTCDS3KG153HB4N
15k
:
5.369k
:
B25/85: 3480K±2%
B0/100: 3450K±2%
NTCDS3KG303HB4N
30k
:
10.74k
:
B25/85: 3480K±2%
B0/100: 3450K±2%
NTCDS3LG181HD4N
0.184k
:
1.991k
:
B25/85: 3528K±2%
B0/100: 3503K±2%
NTCDS3LG161HD4N
0.1553k
:
1.684k
:
B25/85: 3528K±2%
B0/100: 3503K±2%
NTCDS3NG802HB4N
8.013k
:
2.677k
:
B25/85: 3650K±2%
B0/100: 3645K±2%
NTCDS3RG642HB4N
6.418k
:
2.016k
:
B25/85: 3800K±2%
B0/100: 3792K±2%
NTCDS3SG652HB4N□
6.508k
:
2.020k
:
B25/85: 3850K±2%
B0/100: 3834K±2%
NTCDS3UG661HD4N□ —
0.662k
:
9.382k
:
B25/85: 3940K±2%
B0/100: 3932K±2%
NTCDS4AG173HB4N□
17k
:
4.918k
:
B25/85: 4000K±2%
B0/100: 3999K±2%
NTCDS4AG353HB4N□
34.67k
:
10.00k
:
B25/85: 4000K±2%
B0/100: 3999K±2%
NTCDS4AG993HB4N□
99.91k
:
30.00k
:
B25/85: 3992K±2%
B0/100: 3970K±2%
NTCDS4AG332HD4N□ —
3.3k
:
49.12k
:
B25/85: 3992K±2%
B0/100: 3970K±2%
NTCDS3HG602HB4S□
6k
:
2.186k
:
B25/85: 3392K±2%
B0/100: 3366K±2%
Sn
–40 to 160°C
NTCDS3KG153HB4S□
15k
:
5.369k
:
B25/85: 3480K±2%
B0/100: 3450K±2%
NTCDS3KG303HB4S□
30k
:
10.74k
:
B25/85: 3480K±2%
B0/100: 3450K±2%
NTCDS4AG353HB4S□
34.67k
:
10.00k
:
B25/85: 4000K±2%
B0/100: 3999K±2%
28.2±.1
28.2±.1
4+0, – 0.4
Dimensions in mm


Similar Part No. - NTCDS3UG661HD3N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCDS3UG661HD3N TDK-NTCDS3UG661HD3N Datasheet
103Kb / 6P
   NTC Thermistors
More results

Similar Description - NTCDS3UG661HD3N

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com