Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLFV25T-470K-EF Datasheet(PDF) 4 Page - TDK Electronics

Part # NLFV25T-470K-EF
Description  Inductors for Decoupling Circuits Wound Ferrite
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLFV25T-470K-EF Datasheet(HTML) 4 Page - TDK Electronics

  NLFV25T-470K-EF Datasheet HTML 1Page - TDK Electronics NLFV25T-470K-EF Datasheet HTML 2Page - TDK Electronics NLFV25T-470K-EF Datasheet HTML 3Page - TDK Electronics NLFV25T-470K-EF Datasheet HTML 4Page - TDK Electronics NLFV25T-470K-EF Datasheet HTML 5Page - TDK Electronics NLFV25T-470K-EF Datasheet HTML 6Page - TDK Electronics NLFV25T-470K-EF Datasheet HTML 7Page - TDK Electronics NLFV25T-470K-EF Datasheet HTML 8Page - TDK Electronics NLFV25T-470K-EF Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
(4/10)
INDUC
T
O
RS
20150105 / inductor_commercial_decoupling_nlfv25-ef_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLFV25-EF Type
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
90 to 120s
230°C
40s
255°C
10s max.
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak


Similar Part No. - NLFV25T-470K-EF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLFV25T-470K-EF TDK-NLFV25T-470K-EF Datasheet
111Kb / 7P
   Inductors for Standard Circuits
More results

Similar Description - NLFV25T-470K-EF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-100K-EF TDK-NLCV32T-100K-EF Datasheet
214Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLFV32T-330K-EF TDK-NLFV32T-330K-EF Datasheet
219Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLC453232T-100K-PF TDK-NLC453232T-100K-PF_15 Datasheet
303Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
MLZ2012M100W TDK-MLZ2012M100W Datasheet
337Kb / 26P
   Inductors for Decoupling Circuits Multilayer Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLCV32T-101K-PF TDK-NLCV32T-101K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-4R7K-PF TDK-NLC453232T-4R7K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-100K-PF TDK-NLC453232T-100K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com