Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLCV32T-101K-EF Datasheet(PDF) 8 Page - TDK Electronics

Part # NLCV32T-101K-EF
Description  Inductors for Decoupling Circuits Wound Ferrite
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV32T-101K-EF Datasheet(HTML) 8 Page - TDK Electronics

Back Button NLCV32T-101K-EF Datasheet HTML 2Page - TDK Electronics NLCV32T-101K-EF Datasheet HTML 3Page - TDK Electronics NLCV32T-101K-EF Datasheet HTML 4Page - TDK Electronics NLCV32T-101K-EF Datasheet HTML 5Page - TDK Electronics NLCV32T-101K-EF Datasheet HTML 6Page - TDK Electronics NLCV32T-101K-EF Datasheet HTML 7Page - TDK Electronics NLCV32T-101K-EF Datasheet HTML 8Page - TDK Electronics NLCV32T-101K-EF Datasheet HTML 9Page - TDK Electronics NLCV32T-101K-EF Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
(8/10)
INDUC
T
O
RS
20150105 / inductor_commercial_decoupling_nlcv32-ef_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLCV32-EF Type
ELECTRICAL CHARACTERISTICS
INDUCTANCE VS. DC BIAS CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.01
0.1
1
10
0.1
10
1
100
1000
DC current(A)
331K
221K
151K
101K
680K
470K
330K
220K
150K
100K
6R8M
4R7M
3R3M
2R2M
1R5M
1R0M
Product No.
Manufacturer
4285A+42841A+42842C
Agilent Technologies


Similar Part No. - NLCV32T-101K-EF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV32T-101K-EFD TDK-NLCV32T-101K-EFD Datasheet
262Kb / 4P
   SMD / SMT Inductors (Coils)
More results

Similar Description - NLCV32T-101K-EF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLFV25T-100K-EF TDK-NLFV25T-100K-EF_15 Datasheet
201Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLFV32T-330K-EF TDK-NLFV32T-330K-EF Datasheet
219Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLC453232T-100K-PF TDK-NLC453232T-100K-PF_15 Datasheet
303Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
MLZ2012M100W TDK-MLZ2012M100W Datasheet
337Kb / 26P
   Inductors for Decoupling Circuits Multilayer Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLCV32T-101K-PF TDK-NLCV32T-101K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-4R7K-PF TDK-NLC453232T-4R7K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-100K-PF TDK-NLC453232T-100K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com