Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLC453232T-181K-PF Datasheet(PDF) 7 Page - TDK Electronics

Part # NLC453232T-181K-PF
Description  Inductors for Decoupling Circuits Wound Ferrite
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLC453232T-181K-PF Datasheet(HTML) 7 Page - TDK Electronics

Back Button NLC453232T-181K-PF Datasheet HTML 2Page - TDK Electronics NLC453232T-181K-PF Datasheet HTML 3Page - TDK Electronics NLC453232T-181K-PF Datasheet HTML 4Page - TDK Electronics NLC453232T-181K-PF Datasheet HTML 5Page - TDK Electronics NLC453232T-181K-PF Datasheet HTML 6Page - TDK Electronics NLC453232T-181K-PF Datasheet HTML 7Page - TDK Electronics NLC453232T-181K-PF Datasheet HTML 8Page - TDK Electronics NLC453232T-181K-PF Datasheet HTML 9Page - TDK Electronics NLC453232T-181K-PF Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
(7/10)
INDUC
T
O
RS
20150105 / inductor_commercial_decoupling_nlc453232_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLC453232 Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.1
10
1
100
0.01
0.1
10000
100
1000
1
10
Frequency(MHz)
331K
271K
221K
181K
151K
121K
101K
680K
560K
470K
390K
270K
220K
150K
3R9K
8R2K
100K
120K
4R7K
5R6K
6R8K
3R3K
2R7K
1R0K
2R2K
1R8K
1R5K
1R2K
820K
180K
330K
Product No.
Manufacturer
4294A
Agilent Technologies


Similar Part No. - NLC453232T-181K-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLC453232T-181K-PF TDK-NLC453232T-181K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
More results

Similar Description - NLC453232T-181K-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLFV25T-100K-EF TDK-NLFV25T-100K-EF_15 Datasheet
201Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-100K-EF TDK-NLCV32T-100K-EF Datasheet
214Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLFV32T-330K-EF TDK-NLFV32T-330K-EF Datasheet
219Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
MLZ2012M100W TDK-MLZ2012M100W Datasheet
337Kb / 26P
   Inductors for Decoupling Circuits Multilayer Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLCV32T-101K-PF TDK-NLCV32T-101K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-4R7K-PF TDK-NLC453232T-4R7K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-100K-PF TDK-NLC453232T-100K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com