Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

853-91-016-10-001 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 853-91-016-10-001
Description  PCB connectors 1.27 mm Single row / double row / triple row Solder tail
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

853-91-016-10-001 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  853-91-016-10-001 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10
Series 850
PCB connectors 1.27 mm
Single row / double row / triple row
Solder tail
Ultraminiature PCB receptacles,
solder tail
Grid spacing 1.27
×1.27 mm
Receptacle for pins
∅ 0.35–0.45 mm
For corresponding pin connectors see pages 13, 14 and 15
Ordering information
Replace xxx with the number of poles, e.g. 853-91-xxx-10-001
for a double row version with 8 pins per row becomes:
853-91-016-10-001
851-91-xxx-10-001
851-93-xxx-10-001
851-99-xxx-10-001
Straight receptacle: solder tail,
single row
Availability from: 1 to 50 contacts
Standard number of contacts 25
and 50
853-91-xxx-10-001
853-93-xxx-10-001
853-99-xxx-10-001
Straight receptacle: solder tail,
double row
Availability from: 4 to 100
contacts
Standard number of contacts 50
and 100
853-91-xxx-10-002
853-93-xxx-10-002
853-99-xxx-10-002
Straight receptacle: solder tail,
double row with 2.54 mm row to
row distance
Availability from: 4 to 100
contacts
Standard number of contacts 100
855-91-xxx-10-001
855-93-xxx-10-001
855-99-xxx-10-001
Straight receptacle: solder tail,
triple row
Availability from: 9 to 150
contacts
Standard number of contacts 150
Platings
Sleeve
Clip
Pin
91
5
µm Sn Pb
0.25
µm Au
93
5
µm Sn Pb
0.75
µm Au
99
5
µm Sn Pb
5
µm Sn Pb


Similar Part No. - 853-91-016-10-001

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
853-91-016-20-001 PREDIP-853-91-016-20-001 Datasheet
50Kb / 1P
   PCB connectors 1.27 mm Single row / double row / triple row Solder tail
853-91-016-20-002 PREDIP-853-91-016-20-002 Datasheet
50Kb / 1P
   PCB connectors 1.27 mm Single row / double row / triple row Solder tail
853-91-016-30-001 PREDIP-853-91-016-30-001 Datasheet
53Kb / 1P
   PCB connectors 1.27 mm Single row / double row Surface mount
853-91-016-30-002 PREDIP-853-91-016-30-002 Datasheet
53Kb / 1P
   PCB connectors 1.27 mm Single row / double row Surface mount
More results

Similar Description - 853-91-016-10-001

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
852-10-016-20-001 PREDIP-852-10-016-20-001 Datasheet
39Kb / 1P
   PCB connectors 1.27 mm Single row / double row / triple row Solder tail
853-91-016-20-001 PREDIP-853-91-016-20-001 Datasheet
50Kb / 1P
   PCB connectors 1.27 mm Single row / double row / triple row Solder tail
852-10-016-10-001 PREDIP-852-10-016-10-001 Datasheet
46Kb / 1P
   PCB connectors 1.27 mm Single row / double row / triple row Solder tail
803-91-016-10-001 PREDIP-803-91-016-10-001 Datasheet
46Kb / 1P
   PCB connectors 2.54 mm Single row / double row / triple row Solder tail
803-91-016-10-012 PREDIP-803-91-016-10-012 Datasheet
54Kb / 1P
   PCB connectors 2.54 mm Single row / double row / triple row Solder tail
802-10-016-20-001 PREDIP-802-10-016-20-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
499-93-216-10-009 PREDIP-499-93-216-10-009 Datasheet
39Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-10-001 PREDIP-802-10-016-10-001 Datasheet
45Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
892-39-024-20-902 PREDIP-892-39-024-20-902 Datasheet
40Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
410-91-216-41-001 PREDIP-410-91-216-41-001 Datasheet
55Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com