Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCRP3VG493JCGBEA Datasheet(PDF) 8 Page - TDK Electronics

Part # NTCRP3VG493JCGBEA
Description  NTC Sensor Assembly products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCRP3VG493JCGBEA Datasheet(HTML) 8 Page - TDK Electronics

Back Button NTCRP3VG493JCGBEA Datasheet HTML 3Page - TDK Electronics NTCRP3VG493JCGBEA Datasheet HTML 4Page - TDK Electronics NTCRP3VG493JCGBEA Datasheet HTML 5Page - TDK Electronics NTCRP3VG493JCGBEA Datasheet HTML 6Page - TDK Electronics NTCRP3VG493JCGBEA Datasheet HTML 7Page - TDK Electronics NTCRP3VG493JCGBEA Datasheet HTML 8Page - TDK Electronics NTCRP3VG493JCGBEA Datasheet HTML 9Page - TDK Electronics NTCRP3VG493JCGBEA Datasheet HTML 10Page - TDK Electronics NTCRP3VG493JCGBEA Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
(8/11)
20160323 / sensor_ntc-thermistor_assembly_en.fm
SENSORS
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NTCDP Series (Glass-encapsulated Axial Lead)
ABS plastic case type
 NTCDP3SX202XCBBAA
FEATURES
Uses a plastic case that is compliant to Food Hygiene Act.
Highly water-proof.
Inexpensive.
APPLICATION
Refrigerators, automatic vending machines, air-conditioners.
SHAPE & DIMENSIONS
CHARACTERISTICS
• Contact us for the other specification product about nominal resistance value and B constant.
Nominal resistance
R3=5.6k
:±0.2k:[3°C]
B constant
B3/50=3850K±100K
Operating temperature range
–40 to +85°C
Thermal time constant
30s max.[in still water]
Heat dissipation constant
2.5mW/°C[in still air]
150 to 1000
25
Plastic case
Filler resin
3
Wire
Dimensions in mm
Type
ABS ø6.0
ABS ø6.8
ABS ø8.0
øD
6.0
6.8
8.0


Similar Part No. - NTCRP3VG493JCGBEA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTCR013N120M3S ONSEMI-NTCR013N120M3S Datasheet
176Kb / 8P
   Silicon Carbide (SiC) MOSFET – EliteSiC, 13mohm, 1200V, M3S, Die
October, 2023 - Rev. 1
More results

Similar Description - NTCRP3VG493JCGBEA

ManufacturerPart #DatasheetDescription
logo
Vincotech
80-M2122PA150SC-K708F40 VINCOTECH-80-M2122PA150SC-K708F40 Datasheet
476Kb / 6P
   Integrated NTC sensor
80-M3072PA300SC-K836F30 VINCOTECH-80-M3072PA300SC-K836F30 Datasheet
399Kb / 6P
   Integrated NTC sensor
80-M2072PA150SC-K704F40 VINCOTECH-80-M2072PA150SC-K704F40 Datasheet
379Kb / 6P
   Integrated NTC sensor
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG104LH154JTDS TDK-NTCG104LH154JTDS Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG164BH222JTDS TDK-NTCG164BH222JTDS Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203JH472JT1 TDK-NTCG203JH472JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203SH223JT1 TDK-NTCG203SH223JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103JH103HT1 TDK-NTCG103JH103HT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com