Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLCV25T-150K-EF Datasheet(PDF) 6 Page - TDK Electronics

Part # NLCV25T-150K-EF
Description  Inductors for Decoupling Circuits Wound Ferrite
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25T-150K-EF Datasheet(HTML) 6 Page - TDK Electronics

Back Button NLCV25T-150K-EF Datasheet HTML 2Page - TDK Electronics NLCV25T-150K-EF Datasheet HTML 3Page - TDK Electronics NLCV25T-150K-EF Datasheet HTML 4Page - TDK Electronics NLCV25T-150K-EF Datasheet HTML 5Page - TDK Electronics NLCV25T-150K-EF Datasheet HTML 6Page - TDK Electronics NLCV25T-150K-EF Datasheet HTML 7Page - TDK Electronics NLCV25T-150K-EF Datasheet HTML 8Page - TDK Electronics NLCV25T-150K-EF Datasheet HTML 9Page - TDK Electronics NLCV25T-150K-EF Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
(6/10)
INDUC
T
O
RS
20150105 / inductor_commercial_decoupling_nlcv25-ef_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLCV25-EF Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial L value)
Idc2: When based on the temperature increase (Temperature increase of 20°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
DC resistance
Rated current
Part No.
(μH)
Tolerance
ref.
(MHz)
(
)±30%
(mA)max.
1
±20%
20
7.96
0.34
475
NLCV25T-1R0M-EF
1.5
±20%
20
7.96
0.42
435
NLCV25T-1R5M-EF
2.2
±20%
20
7.96
0.5
390
NLCV25T-2R2M-EF
3.3
±20%
20
7.96
0.65
340
NLCV25T-3R3M-EF
4.7
±20%
20
7.96
0.8
285
NLCV25T-4R7M-EF
6.8
±20%
20
7.96
1
275
NLCV25T-6R8M-EF
10
±10%
30
2.52
1.69
210
NLCV25T-100K-EF
15
±10%
30
2.52
2.2
175
NLCV25T-150K-EF
22
±10%
30
2.52
2.8
160
NLCV25T-220K-EF
33
±10%
30
2.52
4.2
120
NLCV25T-330K-EF
Measurement item
Product No.
Manufacturer
L, Q
4194A+16085A+16093B
Agilent Technologies
DC resistance
VP-2941A
Panasonic


Similar Part No. - NLCV25T-150K-EF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV25T-150K-EF TDK-NLCV25T-150K-EF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current NLCV/NLC series
NLCV25T-150K-EFD TDK-NLCV25T-150K-EFD Datasheet
253Kb / 4P
   SMD / SMT Inductors (Coils)
More results

Similar Description - NLCV25T-150K-EF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLFV25T-100K-EF TDK-NLFV25T-100K-EF_15 Datasheet
201Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-100K-EF TDK-NLCV32T-100K-EF Datasheet
214Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLFV32T-330K-EF TDK-NLFV32T-330K-EF Datasheet
219Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLC453232T-100K-PF TDK-NLC453232T-100K-PF_15 Datasheet
303Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
MLZ2012M100W TDK-MLZ2012M100W Datasheet
337Kb / 26P
   Inductors for Decoupling Circuits Multilayer Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLCV32T-101K-PF TDK-NLCV32T-101K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-4R7K-PF TDK-NLC453232T-4R7K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-100K-PF TDK-NLC453232T-100K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com