Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCDP3LF720JXHCEA Datasheet(PDF) 5 Page - TDK Electronics

Part # NTCDP3LF720JXHCEA
Description  NTC Sensor Assembly products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCDP3LF720JXHCEA Datasheet(HTML) 5 Page - TDK Electronics

  NTCDP3LF720JXHCEA Datasheet HTML 1Page - TDK Electronics NTCDP3LF720JXHCEA Datasheet HTML 2Page - TDK Electronics NTCDP3LF720JXHCEA Datasheet HTML 3Page - TDK Electronics NTCDP3LF720JXHCEA Datasheet HTML 4Page - TDK Electronics NTCDP3LF720JXHCEA Datasheet HTML 5Page - TDK Electronics NTCDP3LF720JXHCEA Datasheet HTML 6Page - TDK Electronics NTCDP3LF720JXHCEA Datasheet HTML 7Page - TDK Electronics NTCDP3LF720JXHCEA Datasheet HTML 8Page - TDK Electronics NTCDP3LF720JXHCEA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
(5/11)
20160323 / sensor_ntc-thermistor_assembly_en.fm
SENSORS
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NTCGP Series (Multilayer element
Lug terminal type
 NTCGP3UG503HCZCCA
FEATURES
Possible to affix using a fastening screw and to perform stable temperature detection of the mounting surface.
Can be used for a wide temperature range (–40°C to +150°C).
Can be installed in vehicles.
APPLICATION
Temperature detection (Inverters for solar power generation and projectors)
Substrate temperature detection (Converters for HEVs and EVs)
SHAPE & DIMENSIONS
CHARACTERISTICS
• Contact us for the other specification product about nominal resistance value and B constant.
1 R25: Compatible with the 5k: to 50k: range, B25/50: Compatible with the 3400K to 4100K range
2 Can be compatible with a heat resistance of +150°C
SPECIFICATIONS
Nominal resistance1
R25=50k
:±3%
B constant1
B25/50=3950K±2%
Operating temperature range2
–40 to +125°C
Thermal time constant
6s max.[in still water]
Heat dissipation constant
3mW/°C[in still air]
Thermistor
Multilayer element type
Resin
Epoxy resin
Wires
Seven AWG26 parallel lines with polyethylene (125°C)
vinyl chloride/0.16 mm, Sn-plated
End finish
Different specifications available including stripped, crimped and connector fitted.
ø
4.2±0.1
Dimensions in mm
150 to 1000
16±0.2


Similar Part No. - NTCDP3LF720JXHCEA

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NTCD-128 REDLION-NTCD-128 Datasheet
596Kb / 3P
   Managed Industrial Ethernet Switch
NTCD-128 REDLION-NTCD-128 Datasheet
1Mb / 4P
   Managed Industrial Ethernet Switch
NTCD-128 REDLION-NTCD-128 Datasheet
396Kb / 1P
   SD Card
NTCD-CFG REDLION-NTCD-CFG Datasheet
552Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NTCD-CFG REDLION-NTCD-CFG Datasheet
554Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
More results

Similar Description - NTCDP3LF720JXHCEA

ManufacturerPart #DatasheetDescription
logo
Vincotech
80-M2122PA150SC-K708F40 VINCOTECH-80-M2122PA150SC-K708F40 Datasheet
476Kb / 6P
   Integrated NTC sensor
80-M3072PA300SC-K836F30 VINCOTECH-80-M3072PA300SC-K836F30 Datasheet
399Kb / 6P
   Integrated NTC sensor
80-M2072PA150SC-K704F40 VINCOTECH-80-M2072PA150SC-K704F40 Datasheet
379Kb / 6P
   Integrated NTC sensor
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG104LH154JTDS TDK-NTCG104LH154JTDS Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG164BH222JTDS TDK-NTCG164BH222JTDS Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203JH472JT1 TDK-NTCG203JH472JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203SH223JT1 TDK-NTCG203SH223JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103JH103HT1 TDK-NTCG103JH103HT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com