Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

832-10-016-20-001 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part No. 832-10-016-20-001
Description  PCB connectors 2.0 mm Single row / double row Solder tail
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PREDIP [Precid-Dip Durtal SA]
Homepage  http://www.precidip.com
Logo 

832-10-016-20-001 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19
Series 830
PCB connectors 2.0 mm
Single row / double row
Solder tail
“Hard metric”
PCB pin connectors, solder tail
Grid spacing 2.0
×2.0 mm
Screw-machined pins
∅ 0.46–0.47 mm
For corresponding receptacles see pages 18, 20 and 21
Ordering information
Replace xxx with the number of poles, e.g. 832-10-xxx-20-001
for a double row version with 8 pins per row becomes:
832-10-016-20-001
830-10-xxx-10-001
830-90-xxx-10-001
Straight pin connector: solder
tail, single row
Availability from: 1 to 50 contacts
Standard number of contacts 50
832-10-xxx-10-001
832-90-xxx-10-001
Straight pin connector: solder
tail, double row
Availability from: 4 to 100
contacts
Standard number of contacts 100
830-10-xxx-20-001
830-90-xxx-20-001
Right angle pin connector: solder
tail, single row
Availability from: 1 to 50 contacts
Standard number of contacts 50
832-10-xxx-20-001
832-90-xxx-20-001
Right angle pin connector: solder
tail, double row
Availability from: 4 to 100
contacts
Standard number of contacts 100
Platings
Sleeve
Clip
Pin
10
0.25
µm Au
90
5
µm Sn Pb


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn