Electronic Components Datasheet Search |
|
DF22AL-1DS-7.92DS Datasheet(PDF) 4 Page - Hirose Electric |
|
DF22AL-1DS-7.92DS Datasheet(HTML) 4 Page - Hirose Electric |
4 / 15 page 4 s Type III Height: Long type, Standard lock s Type IV Height: Long type, Enhanced ergonomic lock Shown with terminated and installed contacts. Type 4 Height: Long type, Enhanced ergonomic lock Type 3 Height: Long type, Standard lock 1 A (11.55) (12.75) 8 No. of contacts indicator Cavity No. Type 4 Height: Long type, Enhanced ergonomic lock Type 3 Height: Long type, Standard lock 3 A Contact No. 1 (12.75) (11.55) No. of contacts indicator Cavity No. Contact No. 1 indicator A B P=7.92 1 Pos. 2 to 5 Pos. Shown with terminated and installed contacts. sCrimp Sockets (Height, Long Type) Note: Bag packaging (100 pieces/bag). Order by number of bags. CL No. Part Number Number of contacts A B DF22B-1S-7.92C DF22B-2S-7.92C DF22B-3S-7.92C DF22B-4S-7.92C DF22B-5S-7.92C 1 2 3 4 5 8.00 15.50 23.42 31.34 39.26 ----- 7.92 15.84 23.76 31.68 Standard Type (Guide Key: Inside, Color: White) 680-1096-2 680-1097-5 680-1098-8 680-1099-0 680-1100-8 CL No. Part Number Number of contacts A B DF22BR-1S-7.92C DF22BR-2S-7.92C DF22BR-3S-7.92C DF22BR-4S-7.92C DF22BR-5S-7.92C 1 2 3 4 5 8.00 15.50 23.42 31.34 39.26 ----- 7.92 15.84 23.76 31.68 R Type (Guide Key: Right Side, Color: Black) CL No. Part Number Number of contacts A B DF22BL-1S-7.92C DF22BL-2S-7.92C DF22BL-3S-7.92C DF22BL-4S-7.92C DF22BL-5S-7.92C 1 2 3 4 5 8.00 15.50 23.42 31.34 39.26 ----- 7.92 15.84 23.76 31.68 L Type (Guide Key: Left Side, Color: Red) CL No. Part Number Number of contacts A B DF22CL-1S-7.92C DF22CL-2S-7.92C DF22CL-3S-7.92C DF22CL-4S-7.92C DF22CL-5S-7.92C 1 2 3 4 5 8.00 15.50 23.42 31.34 39.26 ----- 7.92 15.84 23.76 31.68 L Type (Guide Key: Left Side, Color: Red) Reserved for product expansion CL No. Part Number Number of contacts A B DF22CR-1S-7.92C DF22CR-2S-7.92C DF22CR-3S-7.92C DF22CR-4S-7.92C DF22CR-5S-7.92C 1 2 3 4 5 8.00 15.50 23.42 31.34 39.26 ----- 7.92 15.84 23.76 31.68 R Type (Guide Key: Right Side, Color: Black) CL No. Part Number Number of contacts A B DF22C-1S-7.92C DF22C-2S-7.92C DF22C-3S-7.92C DF22C-4S-7.92C DF22C-5S-7.92C 1 2 3 4 5 8.00 15.50 23.42 31.34 39.26 ----- 7.92 15.84 23.76 31.68 Standard Type (Guide Key: Inside, Color: White) 680-1101-0 680-1102-3 680-1103-6 680-1104-9 680-1105-1 Reserved for product expansion Reserved for product expansion Reserved for product expansion |
Similar Part No. - DF22AL-1DS-7.92DS |
|
Similar Description - DF22AL-1DS-7.92DS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |