Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS45SL2GA150J-GKA Datasheet(PDF) 4 Page - TDK Electronics

Part # CS45SL2GA150J-GKA
Description  High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CS45SL2GA150J-GKA Datasheet(HTML) 4 Page - TDK Electronics

  CS45SL2GA150J-GKA Datasheet HTML 1Page - TDK Electronics CS45SL2GA150J-GKA Datasheet HTML 2Page - TDK Electronics CS45SL2GA150J-GKA Datasheet HTML 3Page - TDK Electronics CS45SL2GA150J-GKA Datasheet HTML 4Page - TDK Electronics CS45SL2GA150J-GKA Datasheet HTML 5Page - TDK Electronics CS45SL2GA150J-GKA Datasheet HTML 6Page - TDK Electronics CS45SL2GA150J-GKA Datasheet HTML 7Page - TDK Electronics CS45SL2GA150J-GKA Datasheet HTML 8Page - TDK Electronics CS45SL2GA150J-GKA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
(4/10)
20160219 / leaddisc_commercial_cs45_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
Overview of CS45 Series
PACKAGE QUANTITY
CERTIFIED STATUS OF VARIOUS COUNTRIES
* Certificate numbers shall be changed owing to the revisions of the related standards.
Type
Package quantity
Taping (pieces / box)
Bulk (pieces / bag)
CS45
1000
1000
Safety
standard
IEC standard No. Standard No.
Temperature
characteristics
Class
Rated
voltage
Approval report No.*
Taiwan
Xiamen
ENEC
IEC 60384-14
EN 60384-14
SL,B,E,F
X1, Y2
X1:440V AC
Y2:300V AC
ENEC-01049
UL
UL60384-14
E37861
cUL/CSA
SAA
AS3250
CS6268
CQC
IEC 60384-14
CQC14001112768
CQC14001112449
KTL
K60384-14
X1
440V AC
SZ03001-12006
SU03047-12006
Y2
300V AC
SZ03001-12008
SU03047-12008


Similar Part No. - CS45SL2GA150J-GKA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS45SL2GA150JAGKA TDK-CS45SL2GA150JAGKA Datasheet
158Kb / 9P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CS45SL2GA150JAGKA TDK-CS45SL2GA150JAGKA Datasheet
122Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CS45SL2GA150JANKA TDK-CS45SL2GA150JANKA Datasheet
122Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CS45SL2GA150JAVKA TDK-CS45SL2GA150JAVKA Datasheet
122Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results

Similar Description - CS45SL2GA150J-GKA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS11ZU2GA472MAGKA TDK-CS11ZU2GA472MAGKA Datasheet
158Kb / 9P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Vishay Siliconix
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
Murata Manufacturing Co...
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com