Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

803-91-016-10-012 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part No. 803-91-016-10-012
Description  PCB connectors 2.54 mm Single row / double row / triple row Solder tail
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

803-91-016-10-012 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  803-91-016-10-012 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23
Series 800
PCB connectors 2.54 mm
Single row / double row / triple row
Solder tail
Receptacles, solder tail
Accept square pins s
s 0.635 mm
and round pins
∅ 0.70–0.80 mm
For corresponding pin connectors see
pages 30 to 35
Ordering information
Replace xxx with the number of poles, e.g. 803-91-xxx-10-012
for a double row version with 8 pins per row becomes:
803-91-016-10-012
801-91-xxx-10-002
801-93-xxx-10-002
801-99-xxx-10-002
801-91-xxx-10-012
801-93-xxx-10-012
801-99-xxx-10-012
Straight receptacle: solder tail,
single row, low profile
h = 4.2 mm
…-002: Availability from: 1 to 64
contacts
Standard number of contacts 64
…-012: Availability from: 1 to 32
contacts
Standard number of contacts 14,
20 and 32
803-91-xxx-10-002
803-93-xxx-10-002
803-99-xxx-10-002
803-91-xxx-10-012
803-93-xxx-10-012
803-99-xxx-10-012
Straight receptacle: solder tail,
double row, low profile
h = 4.2 mm
…-002: Availability from: 4 to 72
contacts
Standard number of contacts 40,
44, 56, 64 and 72
…-012: Availability from: 4 to 64
contacts
Standard number of contacts 64
805-91-xxx-10-012
805-93-xxx-10-012
805-99-xxx-10-012
Straight receptacle: solder tail,
triple row, low profile
h = 4.2 mm
Availability from: 9 to 96 contacts
Standard number of contacts 96
Platings
Sleeve
Clip
Pin
91
5
µm Sn Pb
0.25
µm Au
93
5
µm Sn Pb
0.75
µm Au
99
5
µm Sn Pb
5
µm Sn Pb
B
B
B
B
B
B
Products not available from stock. Please consult PRECI-DIP.
B


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn