Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

802-10-016-30-001 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part No. 802-10-016-30-001
Description  PCB connectors 2.54 mm Single row / double row Surface mount
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PREDIP [Precid-Dip Durtal SA]
Homepage  http://www.precidip.com
Logo 

802-10-016-30-001 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
32
Series 800
PCB connectors 2.54 mm
Single row / double row
Surface mount
Pin connectors, surface mount
Screw-machined pins
∅ 0.76 mm
For corresponding receptacles see
pages 22 to 29
New:
Pin connectors with selective plated precision screw machined
pin, plating code Z1.
Connecting side 1: gold plated
soldering/PCB side 2: tin plated
Ordering information
Replace xx with the number of poles, e.g. 802-10-0xx-30-001
for a double row version with 8 pins per row becomes:
802-10-016-30-001
800-10-0xx-30-001
800-90-0xx-30-001
800-Z1-0xx-30-001
SMD pin connector: single row,
perpendicular mount
Availability from: 3 to 64 contacts
Standard number of contacts 5,
6, 8, 10, 14, 16, 20, 21, 25, 30,
32, 48, 56, 60, 64
802-10-0xx-30-001
802-90-0xx-30-001
802-Z1-0xx-30-001
SMD pin connector: double row,
perpendicular mount
Availability from: 4 to 72 contacts
Standard number of contacts 40,
44, 56, 64, 72
800-10-0xx-40-001
800-90-0xx-40-001
800-Z1-0xx-40-001
SMD pin connector: single row,
parallel mount
Availability from: 2 to 64 contacts
Standard number of contacts 5,
6, 8, 10, 14, 16, 20, 21, 25, 30,
32, 48, 56, 60, 64
Platings
Sleeve
Clip
Pin
10
0.25
µm Au
90
5
µm Sn Pb
Z1
1: 0.25
µm Au
2: 5
µm Sn Pb


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn