Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

517-93-391-18-101-111 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part No. 517-93-391-18-101-111
Description  Pin grid array sockets and carrier with interstitial contact rows Solder tail
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PREDIP [Precid-Dip Durtal SA]
Homepage  http://www.precidip.com
Logo 

517-93-391-18-101-111 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
82
Series 517 / 614
Pin grid array sockets and carrier
with interstitial contact rows
Solder tail
Pin grid array sockets with interstitial contact rows
These sockets of a very compact design have interstitial contact
rows with a staggered contact arrangement and row distances
of 1.27 mm. Their contact density is nearly double as compared
to PGAs based on a standard 2.54 mm grid pattern
They are equipped with machined precision contacts with extra-
soft contact clips assuring low insertion/withdrawal forces
Insertion characteristics: 6-finger very low
Ordering information
Replace xxx-xx-xxx with number of poles, body size and
layout numbers as indicated on pages 91 and 92. For example,
a 18
×18 pin configuration with 17×17 interstitial rows and
standard soldering tails becomes: 517-93-391-18-101111
Options:
For other sizes and layouts please consult
517-91-xxx-xx-xxx-111
517-93-xxx-xx-xxx-111
517-97-xxx-xx-xxx-111
PGA sockets with interstitial rows
and standard solder tails, length
3.2 mm
Platings
Sleeve
Clip
Pin
91
5
µm Sn
0.25
µm Au
93
5
µm Sn
0.75
µm Au
97
5
µm Sn
Goldflash
B
Interstitial PGA socket with
standard solder tails and 4 ele-
vating contacts located at the
corners for better soldering and
cleaning
Add 50 to the fourth group of
figures in standard reference
number, e.g.
517-93-391-18-101111 becomes
517-93-391-68-101111
517-91-xxx-xx-xxx-111
517-93-xxx-xx-xxx-111
517-97-xxx-xx-xxx-111
B
B
B
PGA carrier socket with dispos-
able plastic body and carrier pins.
Low profile ultra thin contacts are
plugged-on
Solder terminations
∅ 0.88 mm
total length of contact 3.9 mm
Requires
∅ min. 0.9 mm holes in
PCB
614-91-xxx-xx-xxx-144
614-93-xxx-xx-xxx-144
614-97-xxx-xx-xxx-144
B
B
B
Products not available from stock. Please consult PRECI-DIP.
B


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn