Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC45SL3FD220CYGNA Datasheet(PDF) 9 Page - TDK Electronics

Part # CC45SL3FD220CYGNA
Description  High Voltage Ceramic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC45SL3FD220CYGNA Datasheet(HTML) 9 Page - TDK Electronics

  CC45SL3FD220CYGNA Datasheet HTML 1Page - TDK Electronics CC45SL3FD220CYGNA Datasheet HTML 2Page - TDK Electronics CC45SL3FD220CYGNA Datasheet HTML 3Page - TDK Electronics CC45SL3FD220CYGNA Datasheet HTML 4Page - TDK Electronics CC45SL3FD220CYGNA Datasheet HTML 5Page - TDK Electronics CC45SL3FD220CYGNA Datasheet HTML 6Page - TDK Electronics CC45SL3FD220CYGNA Datasheet HTML 7Page - TDK Electronics CC45SL3FD220CYGNA Datasheet HTML 8Page - TDK Electronics CC45SL3FD220CYGNA Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
(9/9)
20160219 / leaddisc_commercial_cc45_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
CC45 Type
TAPING DIMEMSIONS
AMMO PACK INNER BOX SIZE
Item
Symbol
Dimensions(mm)
Remarks
V1
V2
Body diameter
D
Depends on the specification of each product.
Body thickness
T
Depends on the specification of each product.
Lead-wire diameter
ød
0.6±0.05
0.6±0.05
Pitch of component
P
12.7±1.0
15.0±1.0
Including the slant of body
Feed hole pitch
P0
12.7±0.3
15.0±0.3
Excepting the tape splicing part
Feed hole center to lead
P1
3.85±0.7
3.75±0.7
Feed hole center to component center
P2
6.35±1.3
7.5±1.3
Lead-to lead distance
F
5+0.8, –0.2
7.5±0.8
Measuring point is bottom kink
Component alignment
'h
0±2.0
0±2.0
Including the slanting body due to bending lead-wire
Tape width
W
18.0+1.0, –0.5
18.0+1.0, –0.5
Adhesive tape width
W0
10.0min.
10.0min.
Hole position
W1
9.0±0.5
9.0±0.5
Adhesive tape position
W2
4.0max.
4.0max.
Adhesive tape do not stick out the tape
Bottom of kink from tape center
H0
16.0+1.5, –0.5
16.0+1.5, –0.5
Height of body from tape center
H1
46.0max.
46.0max.
Lead-wire protrusion
1.0max.
1.0max.
Feed hole diameter
D0
4.0±0.2
4.0±0.2
Total tape thickness
t
0.6±0.3
0.6±0.3
Including adhesive tape
Length of snipped lead
L
11.0max.
11.0max.
Coating on lead
C
4.0max.
4.0max.
Height of kink
A
4.0max.
4.0max.
Measuring point is bottom kink
Spring action
S
2.0max.
2.0max.
P
P2
D
P0
D0
ød
T
Δh
Δh
S
F
P1
V1, V2
340max.
60max.
Dimensions in mm
• For more information about products with other capacitance or other data, please contact us.


Similar Part No. - CC45SL3FD220CYGNA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC45SL3AD100JY TDK-CC45SL3AD100JY Datasheet
92Kb / 5P
   Mid-high Voltage Ceramic Capacitors
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA_17 Datasheet
102Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CC45SL3AD100JYNNA TDK-CC45SL3AD100JYNNA Datasheet
102Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CC45SL3AD100JYVNA TDK-CC45SL3AD100JYVNA Datasheet
102Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CC45SL3AD101JY TDK-CC45SL3AD101JY Datasheet
92Kb / 5P
   Mid-high Voltage Ceramic Capacitors
More results

Similar Description - CC45SL3FD220CYGNA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CD85-B2GA471KYGKA TDK-CD85-B2GA471KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD90ZU2GA222MYGKA TDK-CD90ZU2GA222MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD80ZU2GA152MYGKA TDK-CD80ZU2GA152MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
C41E2 MURATA-C41E2 Datasheet
310Kb / 20P
   HIGH VOLTAGE CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com