Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF3-10S-2V Datasheet(PDF) 2 Page - Hirose Electric

Part # DF3-10S-2V
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3-10S-2V Datasheet(HTML) 2 Page - Hirose Electric

  DF3-10S-2V Datasheet HTML 1Page - Hirose Electric DF3-10S-2V Datasheet HTML 2Page - Hirose Electric DF3-10S-2V Datasheet HTML 3Page - Hirose Electric DF3-10S-2V Datasheet HTML 4Page - Hirose Electric DF3-10S-2V Datasheet HTML 5Page - Hirose Electric DF3-10S-2V Datasheet HTML 6Page - Hirose Electric DF3-10S-2V Datasheet HTML 7Page - Hirose Electric DF3-10S-2V Datasheet HTML 8Page - Hirose Electric DF3-10S-2V Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
A265
1. Recommended Temperature Profile (SMT)
2. Recommended Manual Soldering Condition (SMT)
3. Recommended Screen Thickness (SMT)
4. Board Warpage (SMT)
5. Recommended Soldering Condition (DIP)
6. Cleaning Condition
7. Connection Condition
Note1: Maximum twice action is allowed under the same condition. However, the interval between
the first and second actions must be maintained at room temperature.
Note2: The temperature indicates the board surface temperature on the connector lead area.
Soldering iron temperature: 290±10ç, Soldering time: Within 2 seconds
0.15 to 0.2mm
Based on both connector edges, 0.03mm max. in the connector center portion
sFlow Condition with Automatic Soldering Tool. Soldering temperature: 250±5ç, Soldering time: Within 3 seconds
sManual Soldering Condition. Soldering iron temperature: 290±10ç, Soldering time: Within 2 seconds
Refer to the "Nylon Connector Use Hand book".
Refer to the "Nylon Connector Use Hand book".
BPrecautions
BEmbossed Carrier Tape Dimensions
Unit: mm
Product Type
Size
Number of Contacts
A
B
C
D
DF3/3D-*P-2H
2 to 4
5 to 7
8 to 12
13 to 15
24
32
44
56
–––
28.4
40.4
52.4
11.5
14.2
20.2
26.2
24.4
32.4
44.4
56.4


Similar Part No. - DF3-10S-2V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3-10S-2C HIROSE-DF3-10S-2C Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-10S-2C HIROSE-DF3-10S-2C Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3-10S-2C ETC2-DF3-10S-2C Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 11 DF3-10S-2C(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com