Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC-240-4200x Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # LDC-240-4200x
Description  250W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDC-240-4200x Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  LDC-240-4200x Datasheet HTML 1Page - MicroPower Direct, LLC LDC-240-4200x Datasheet HTML 2Page - MicroPower Direct, LLC LDC-240-4200x Datasheet HTML 3Page - MicroPower Direct, LLC LDC-240-4200x Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Mechanical Dimensions: A Model
Mechanical Dimensions: B Model (Dimming Function)
Color
Function
Green/Yellow
Field Ground
Brown
AC-Line
Blue
AC-Neutral
Wire Connections: Input
Color
Function
Black
-LED
Red
+LED
Wire Connections: Output
Color
Function
Green/Yellow
Field Ground
Brown
AC-Line
Blue
AC-Neutral
Wire Connections: Input
Color
Function
White
-DIM
Blue
+DIM
Black
-LED
Red
+LED
Wire Connections: Output


Similar Part No. - LDC-240-4200x

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDC-100 MPD-LDC-100 Datasheet
1Mb / 4P
   100W Output Power
LDC-100-1650x MPD-LDC-100-1650x Datasheet
1Mb / 4P
   100W Output Power
LDC-100-1960x MPD-LDC-100-1960x Datasheet
1Mb / 4P
   100W Output Power
LDC-100-2290x MPD-LDC-100-2290x Datasheet
1Mb / 4P
   100W Output Power
LDC-100-2740x MPD-LDC-100-2740x Datasheet
1Mb / 4P
   100W Output Power
More results

Similar Description - LDC-240-4200x

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
   250W Quad Output Power Supply
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
   250W Quad Output Power Supply
S-250 MEANWELL-S-250_09 Datasheet
341Kb / 2P
   250W Single Output Switching Power Supply
S-250 MEANWELL-S-250 Datasheet
333Kb / 2P
   250W Single Output Switching Power Supply
logo
Total Power Internation...
S-250 TOTAL-POWER-S-250 Datasheet
408Kb / 2P
   250W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-240H-C MEANWELL-HLG-240H-C Datasheet
143Kb / 7P
   250W Single Output LED Power Supply
logo
List of Unclassifed Man...
R1J-250I1H2A0 ETC2-R1J-250I1H2A0 Datasheet
734Kb / 12P
   250W250W Redundant Power Supply
logo
TDK Electronics
CUS250LD TDK-CUS250LD Datasheet
699Kb / 3P
   Single Output 250W Low Profi le Power Supplies
logo
MicroPower Direct, LLC
MPU-250 MPD-MPU-250 Datasheet
524Kb / 2P
   Single Output 250W Power Factor Corrected AC/DC Power Supplies
logo
Mean Well Enterprises C...
HSP-250 MEANWELL-HSP-250 Datasheet
222Kb / 2P
   250W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com