Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC-120-2450x Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LDC-120-2450x
Description  150W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDC-120-2450x Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LDC-120-2450x Datasheet HTML 1Page - MicroPower Direct, LLC LDC-120-2450x Datasheet HTML 2Page - MicroPower Direct, LLC LDC-120-2450x Datasheet HTML 3Page - MicroPower Direct, LLC LDC-120-2450x Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Output
Output
Power
(W)
Efficiency
(%, Typ)
Current
Voltage
Range (VDC)
OVP Level
(VDC)
Max (mA)
Adj. Range (mA)
LDC-120-0350 x
350
210 - 350
210 - 430
475 - 495
150
92
LDC-120-0500 x
500
300 - 500
150 - 300
335 - 355
150
92
LDC-120-0700 x
700
420 - 700
107 - 215
230 - 240
150
92
LDC-120-1050 x
1,050
630 - 1,500
74 - 148
165 - 175
155
92
LDC-120-1400 x
1,400
840 - 1,400
54 - 108
120 - 130
151
92
LDC-120-2100 x
2,100
1,260 - 2,100
31 - 58
62 - 80
122
91
LDC-120-2450 x
2,450
1,470 - 2,450
36 - 49
54 - 73
120
91
LDC-120-2800 x
2,800
1,680 - 2,800
31 - 42
49 - 65
122
91
LDC-120-3500 x
3,500
2,100 - 3,500
26 - 35
41 - 55
122
91
LDC-120-4550 x
4,550
2,730 - 4,550
21 - 27
31 - 37
123
90
Model Selection Guide
Derating Curve: Temperature
Efficiency vs Load: LDC-120-3500
Derating Curve: Input Voltage
PFC vs Load: LDC-120-3500
Model
Ingress Protection
Dimming Function
LDC-120-xxxx A
IP65
Adjust by internal, variable resistor
LDC-120-xxxx B
IP67
Adjust by external resistor, DC voltage level or PWM signal
Package Type
Notes:
1. Inrush current is given for a cold start
at 25°C.
2. Total Harmonic Distortion (THD) is
specified with an input of 230 VAC/50
Hz at full load.
3. Turn on delay is specified at full load.
4. Ripple & noise is measured at 20 MHz.
Connection to the unit is made with a 0.1 µF
ceramic capacitor and a 22 µF electrolytic
capacitor connected in parallel.
5. Life expectancy is calculated at 230 VAC,
full load and a case temp of +70°C.
6. Recovery from an over voltage fault is
automatic.


Similar Part No. - LDC-120-2450x

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDC-100 MPD-LDC-100 Datasheet
1Mb / 4P
   100W Output Power
LDC-100-1650x MPD-LDC-100-1650x Datasheet
1Mb / 4P
   100W Output Power
LDC-100-1960x MPD-LDC-100-1960x Datasheet
1Mb / 4P
   100W Output Power
LDC-100-2290x MPD-LDC-100-2290x Datasheet
1Mb / 4P
   100W Output Power
LDC-100-2740x MPD-LDC-100-2740x Datasheet
1Mb / 4P
   100W Output Power
More results

Similar Description - LDC-120-2450x

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDC-150 MPD-LDC-150 Datasheet
1Mb / 4P
   150W Output Power
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
CLG-150_1108 MEANWELL-CLG-150_1108 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
   150W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com