Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC-240-0700x Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # LDC-240-0700x
Description  250W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDC-240-0700x Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  LDC-240-0700x Datasheet HTML 1Page - MicroPower Direct, LLC LDC-240-0700x Datasheet HTML 2Page - MicroPower Direct, LLC LDC-240-0700x Datasheet HTML 3Page - MicroPower Direct, LLC LDC-240-0700x Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Dimming Mode: B Model
Functional Block Diagram
With the LDC-240 “B” model, the output current level can be adjusted (Dimmed) by three different methods; Resistive, Analog or
Digital. Adjustments are made using the +DIM and -DIM inputs.
Resistive: Connect a 0.1 to 10 k
resistor between the DIM+ (Blue) and DIM- (White) wires
Input Frequency
10 k
20 k
30 k
40 k
50 k
60 k
70 k
80 k
90 k
100 k
Open
Percentage of Rated Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
95~105%
Analog: Apply 1 VDC to 10 VDC level between the DIM+ (Blue) and DIM- (White) wires
Adjust Voltage
1 VDC
2 VDC
3 VDC
4 VDC
5 VDC
6 VDC
7 VDC
8 VDC
9 VDC
10 VDC
Open
Percentage of Rated Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
95~105%
Digital: Apply a PWM signal (100 Hz - 3 kHz) between the DIM+ (Blue) and DIM- (White) wires
Duty Cycle
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Open
Percentage of Rated Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
95~105%
Notes:
1
. The -DIM (White) and -LED (Black) wires should not be connected.
2. The Dimming function will not turn the lighting fixture totally off. For more info on how to do this, please contact the factory


Similar Part No. - LDC-240-0700x

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDC-100 MPD-LDC-100 Datasheet
1Mb / 4P
   100W Output Power
LDC-100-1650x MPD-LDC-100-1650x Datasheet
1Mb / 4P
   100W Output Power
LDC-100-1960x MPD-LDC-100-1960x Datasheet
1Mb / 4P
   100W Output Power
LDC-100-2290x MPD-LDC-100-2290x Datasheet
1Mb / 4P
   100W Output Power
LDC-100-2740x MPD-LDC-100-2740x Datasheet
1Mb / 4P
   100W Output Power
More results

Similar Description - LDC-240-0700x

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
   250W Quad Output Power Supply
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
   250W Quad Output Power Supply
S-250 MEANWELL-S-250_09 Datasheet
341Kb / 2P
   250W Single Output Switching Power Supply
S-250 MEANWELL-S-250 Datasheet
333Kb / 2P
   250W Single Output Switching Power Supply
logo
Total Power Internation...
S-250 TOTAL-POWER-S-250 Datasheet
408Kb / 2P
   250W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-240H-C MEANWELL-HLG-240H-C Datasheet
143Kb / 7P
   250W Single Output LED Power Supply
logo
List of Unclassifed Man...
R1J-250I1H2A0 ETC2-R1J-250I1H2A0 Datasheet
734Kb / 12P
   250W250W Redundant Power Supply
logo
TDK Electronics
CUS250LD TDK-CUS250LD Datasheet
699Kb / 3P
   Single Output 250W Low Profi le Power Supplies
logo
MicroPower Direct, LLC
MPU-250 MPD-MPU-250 Datasheet
524Kb / 2P
   Single Output 250W Power Factor Corrected AC/DC Power Supplies
logo
Mean Well Enterprises C...
HSP-250 MEANWELL-HSP-250 Datasheet
222Kb / 2P
   250W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com