Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP180 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # TLP180
Description  AC Isolation Voltage 3750VRMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TLP180 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  TLP180 Datasheet HTML 1Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 2Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 3Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 4Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 5Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 6Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 7Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 8Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 24/06/2015
DC93186
IS180
ISOCOM
COMPONENTS
ELECTRICAL CHARACTERISTICS (Ambient Temperature = 25°C unless otherwise specified)
INPUT
OUTPUT
COUPLED
Note 1 : Measure with input leads shorted together and output leads shorted together.
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward Voltage
VF
IF = ±20mA
1.2
1.4
V
Terminal Capacitance
Ct
V = 0V, f = 1KHz
30
250
pF
Parameter
Symbol
Test Condition
Min
Max
Unit
Collector—Emitter
breakdown Voltage
BVCEO
IC = 0.1mA, IF = 0mA
35
V
Emitter—Collector
breakdown Voltage
BVECO
IE = 10µA, IF = 0mA
6
V
Collector-Emitter
Dark Current
ICEO
VCE = 20V, IF = 0mA
100
nA
Typ.
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
Current Transfer Ratio
CTR
IF = ±1mA, VCE = 5V
Optional CTR Grades
20
400
%
A
50
150
Collector—Emitter
Saturation Voltage
VCE(sat)
IF = ±20mA, IC = 1mA
0.2
V
Input to Output
Isolation Voltage
VISO
Note 1
3750
VRMS
Input to Output
Isolation Resistance
RISO
VIO= 500V
Note 1
5x1010
Output Rise Time
tr
VCE = 2V, Ic = 2mA, RL = 100Ω
4
18
µs
Output Fall Time
tf
3
18
µs
Floating Capacitance
Cf
V = 0V, f = 1MHz
0.5
1
pF


Similar Part No. - TLP180

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
166Kb / 8P
   Photocoupler GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180 Datasheet
188Kb / 8P
   Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
   Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
   Photocoupler GaAs Ired & Photo−Transistor
More results

Similar Description - TLP180

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C211-L SSOUSA-AD6C211-L_15 Datasheet
309Kb / 9P
   High Isolation Voltage (3750VRMS)
AD6C311-L SSOUSA-AD6C311-L Datasheet
309Kb / 9P
   High Isolation Voltage (3750VRMS)
AD6C111-L SSOUSA-AD6C111-L_15 Datasheet
316Kb / 9P
   High Isolation Voltage (3750VRMS)
logo
Rohm
BM60015FV-LB ROHM-BM60015FV-LB Datasheet
1Mb / 29P
   Isolation voltage 3750Vrms 1ch Gate Driver Providing Galvanic Isolation
BM61S40RFV-C ROHM-BM61S40RFV-C Datasheet
2Mb / 28P
   Isolation voltage 3750Vrms 1ch Gate Driver Providing Galvanic Isolation
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1_15 Datasheet
286Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE
PS2505-1 RENESAS-PS2505-1 Datasheet
5Mb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE
Dec 25, 2020
PS2506-1 RENESAS-PS2506-1 Datasheet
279Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE
Nov 4, 2022
logo
California Eastern Labs
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
logo
MORNSUN Science& Techno...
URB1D03LMD-10WR3 MORNSUN-URB1D03LMD-10WR3 Datasheet
4Mb / 8P
   Enhanced isolation, isolation voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com