Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ58A Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # SMBJ58A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMBJ58A Datasheet(HTML) 3 Page - Nanjing International Group Co

  SMBJ58A Datasheet HTML 1Page - Nanjing International Group Co SMBJ58A Datasheet HTML 2Page - Nanjing International Group Co SMBJ58A Datasheet HTML 3Page - Nanjing International Group Co SMBJ58A Datasheet HTML 4Page - Nanjing International Group Co SMBJ58A Datasheet HTML 5Page - Nanjing International Group Co SMBJ58A Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @I T
Breakdown
Voltage
Max. @ I T
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMBJ5.0
SMBJ5.0C
KD
AD
5.0
6.40
7.55
10
9.6
62.5
800.0
SMBJ5.0A
SMBJ5.0CA
KE
AE
5.0
6.40
7.25
10
9.2
65.2
800.0
SMBJ6.0
SMBJ6.0C
KF
AF
6.0
6.67
8.45
10
11.4
52.6
800.0
SMBJ6.0A
SMBJ6.0CA
KG
AG
6.0
6.67
7.67
10
10.3
58.3
800.0
SMBJ6.5
SMBJ6.5C
KH
AH
6.5
7.22
9.14
10
12.3
48.8
500.0
SMBJ6.5A
SMBJ6.5CA
KK
AK
6.5
7.22
8.30
10
11.2
53.6
500.0
SMBJ7.0
SMBJ7.0C
KL
AL
7.0
7.78
9.86
10
13.3
45.1
200.0
SMBJ7.0A
SMBJ7.0CA
KM
AM
7.0
7.78
8.95
10
12.0
50.0
200.0
SMBJ7.5
SMBJ7.5C
KN
AN
7.5
8.33
10.67
1.0
14.3
42.0
100.0
SMBJ7.5A
SMBJ7.5CA
KP
AP
7.5
8.33
9.58
1.0
12.9
46.5
100.0
SMBJ8.0
SMBJ8.0C
KQ
AQ
8.0
8.89
11.3
1.0
15.0
40.0
50.0
SMBJ8.0A
SMBJ8.0CA
KR
AR
8.0
8.89
10.23
1.0
13.6
44.1
50.0
SMBJ8.5
SMBJ8.5C
KS
AS
8.5
9.44
11.92
1.0
15.9
37.7
20.0
SMBJ8.5A
SMBJ8.5CA
KT
AT
8.5
9.44
10.82
1.0
14.4
41.7
20.0
SMBJ9.0
SMBJ9.0C
KU
AU
9.0
10.0
12.6
1.0
16.9
35.5
10.0
SMBJ9.0A
SMBJ9.0CA
KV
AV
9.0
10.0
11.5
1.0
15.4
39.0
10.0
SMBJ10
SMBJ10C
KW
AW
10
11.1
14.1
1.0
18.8
31.9
5.0
SMBJ10A
SMBJ10CA
KX
AX
10
11.1
12.8
1.0
17.0
35.3
5.0
SMBJ11
SMBJ11C
KY
AY
11
12.2
15.4
1.0
20.1
29.9
5.0
SMBJ11A
SMBJ11CA
KZ
AZ
11
12.2
14.0
1.0
18.2
33.0
5.0
SMBJ12
SMBJ12C
LD
BD
12
13.3
16.9
1.0
22.0
27.3
5.0
SMBJ12A
SMBJ12CA
LE
BE
12
13.3
15.3
1.0
19.9
30.2
5.0
SMBJ13
SMBJ13C
LF
BF
13
14.4
18.2
1.0
23.8
25.2
5.0
SMBJ13A
SMBJ13CA
LG
BG
13
14.4
16.5
1.0
21.5
27.9
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
600 Watt Surface Mount TVS


Similar Part No. - SMBJ58A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ58A MCC-SMBJ58A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
UN Semiconducctor INC
SMBJ58A UNSEMI-SMBJ58A Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Suntan Capacitors
SMBJ58A SUNTAN-SMBJ58A Datasheet
435Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Gude Electronic D...
SMBJ58A JGD-SMBJ58A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ58A SOCAY-SMBJ58A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ58A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com