Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLZ39A Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # RLZ39A
Description  Silicon Epitaxial Planar Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

RLZ39A Datasheet(HTML) 1 Page - Nanjing International Group Co

  RLZ39A Datasheet HTML 1Page - Nanjing International Group Co RLZ39A Datasheet HTML 2Page - Nanjing International Group Co RLZ39A Datasheet HTML 3Page - Nanjing International Group Co RLZ39A Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RLZ Series
Silicon Epitaxial Planar Zener Diodes
Constant voltage control applications
Features
• Small surface mounting type
• High reliability
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
Tstg
- 65 to + 175
O
C
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Operating Resistance
Rising Operating Resistance
Reverse Current
VZ
at lZT
ZZT
at lZT
ZZK
at lZK
IR
at VR
Type
Min. (V)
Max. (V)
(mA)
Max. (Ω)
(mA)
Max. (Ω)
(mA)
Max. (µA)
(V)
RLZ2V2A
2.12
2.3
20
120
20
2000
1
120
0.7
RLZ2V2B
2.22
2.41
20
120
20
2000
1
120
0.7
RLZ2V4A
2.33
2.52
20
100
20
2000
1
120
1
RLZ2V4B
2.43
2.63
20
100
20
2000
1
120
1
RLZ2V7A
2.54
2.75
20
100
20
1000
1
100
1
RLZ2V7B
2.69
2.91
20
100
20
1000
1
100
1
RLZ3V0A
2.85
3.07
20
80
20
1000
1
50
1
RLZ3V0B
3.01
3.22
20
80
20
1000
1
50
1
RLZ3V3A
3.16
3.38
20
70
20
1000
1
20
1
RLZ3V3B
3.32
3.53
20
70
20
1000
1
20
1
RLZ3V6
3.4
3.8
20
60
20
1000
1
10
1
RLZ3V6A
3.455
3.695
20
60
20
1000
1
10
1
RLZ3V6B
3.6
3.845
20
60
20
1000
1
10
1
RLZ3V9
3.7
4.1
20
50
20
1000
1
5
1
RLZ3V9A
3.74
4.01
20
50
20
1000
1
5
1
RLZ3V9B
3.89
4.16
20
50
20
1000
1
5
1
RLZ4V3
4
4.5
20
40
20
1000
1
5
1
RLZ4V3A
4.04
4.29
20
40
20
1000
1
5
1
RLZ4V3B
4.17
4.43
20
40
20
1000
1
5
1
RLZ4V3C
4.3
4.57
20
40
20
1000
1
5
1
RLZ4V7
4.4
4.9
20
25
20
900
1
5
1
RLZ4V7A
4.44
4.68
20
25
20
900
1
5
1
RLZ4V7B
4.55
4.8
20
25
20
900
1
5
1
LL-34


Similar Part No. - RLZ39A

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RLZ39A SEMTECH_ELEC-RLZ39A Datasheet
299Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results

Similar Description - RLZ39A

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com