Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66183-11 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SKY66183-11
Description  2110 to 2170 MHz Linear Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66183-11 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SKY66183-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66183-11 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DATA SHEET • SKY66184-11: 2110 TO 2170 MHz LINEAR POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203259D • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • February 18, 2016
7
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
26
27
25 24
810
9
11 12
23 22
13 14
GND
GND
N/C
RFIN
N/C
GND
VEN
GND
GND
RFOUT
N/C
N/C
GND
GND
29
GND
C1
10 μF
VCC1
C2
0.1 μF
C3
0.1 μF
C4
10 μF
VCC2
VCC3
C12
DNI
C5
0.1 μF
C6
10 μF
C8
DNI
RFIN
J3
8 Header
VCC3
1
2
3
4
5
6
7
8
PAEN
VBIAS
VCC1
VCC2
J1
PAEN
C11
0.1 μF
VBIAS
C10
0.1 μF
RFOUT
J2
J4
R2
0
Ω
203259D-007
C7
100 pF
SKY66184-11
XX
X
X
X
X
X
X
RF Output
Coupling Port
L1
0
Ω
R5
0
Ω
X
Figure 7. SKY66184-11 Application Schematic
Table 6. SKY66184-11 Evaluation Board Bill of Materials (BOM)
Quantity
Component
Size
Part Number
Description
3
C1, C4, C6
1206
C1206X7R160-106KNE
Capacitor, 10
μF, 16 V, ±10%, X7R
5
C2, C3, C5, C10, C11
0402
GRM155R71C104KA88
Ceramic capacitor, 0.1
μF, 10%, X7R, 16 V
1
C7
0402
GRM1555C1H101JZ01J
Capacitor, 100 pF, 50 V, 5%, COG/NPO
2
C8, C12
DNI
DNI
1
L1
0603
RM73ZIJ000
Resistor, 0
Ω, 5%
2
R2, R5
0402
ERJ2GE0R00
Resistor, 0
Ω, jumper, 0.063 W


Similar Part No. - SKY66183-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66100-11 SKYWORKS-SKY66100-11 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY66100 SKYWORKS-SKY66100_11 Datasheet
1Mb / 16P
   169 to 170 MHz Transmit-Receive Front-End Module
SKY66101-11 SKYWORKS-SKY66101-11 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY66104-11 SKYWORKS-SKY66104-11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
SKY66104 SKYWORKS-SKY66104_11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
More results

Similar Description - SKY66183-11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1223 MACOM-PA1223 Datasheet
66Kb / 2P
   2110-2170 MHz. 5 Watt 28v. GaAs Ultra Linear Power Amplifier
logo
Stealth Microwave, Inc.
SM2122-52LD STEALTH_MICROWAVE-SM2122-52LD Datasheet
185Kb / 4P
   2110-2170 MHz 160 Watt Peak Power Amplifier
logo
WALSIN TECHNOLOGY CORPO...
SF11092140B102T WALSIN-SF11092140B102T Datasheet
734Kb / 8P
   2110~2170 MHz Band Working Frequency
logo
NXP Semiconductors
BLD6G22L-50 NXP-BLD6G22L-50 Datasheet
195Kb / 16P
   W-CDMA 2110 MHz to 2170 MHz fully integrated Doherty transistor
Rev. 02-18 March 2010
logo
M/A-COM Technology Solu...
MAFR-000355-000001 MA-COM-MAFR-000355-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2110 MHz-2170 MHz
MAFR-000087-US1C1T MA-COM-MAFR-000087-US1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2110 MHz-2170 MHz
logo
Tyco Electronics
MAMXES0050 MACOM-MAMXES0050 Datasheet
133Kb / 2P
   E-Series Surface Mount Mixer 2110 - 2170 MHz
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
logo
Infineon Technologies A...
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com