Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY67012-396LF Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY67012-396LF
Description  300 to 600 MHz Low-Noise, Low-Current Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY67012-396LF Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY67012-396LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY67012-396LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY67012-396LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY67012-396LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY67012-396LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY67012-396LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY67012-396LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY67012-396LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY67012-396LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201645D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • April 6, 2015
1
DATA SHEET
SKY67012-396LF: 300 to 600 MHz Low-Noise, Low-Current
Amplifier
Applications
 ISM, CDMA, TETRA, RFID, mobile broadcast, automobile-to-
home control systems, Medical Micro-Power Networks
 General purpose LNAs
Features
 Low NF: 0.85 dB @ 450 MHz
 Gain: 16.5 dB @ 450 MHz
 Flexible supply voltage from 1.8 to 5.0 V
 Adjustable supply current for higher IIP3
 Incorporates on-die stability structures
 Miniature DFN (8-pin, 2 x 2 mm) package
(MSL1 @ 260
C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
4
3
2
1
5
6
7
8
N/C
N/C
RF_IN
VBIAS
N/C
N/C
RF_OUT/VDD
N/C
S2396
Figure 2. SKY67012-396LF Pinout – 8-Pin DFN
(Top View)
RF_IN
VBIAS
RF_OUT/VDD
Active
Bias
Stability
Network
S2395
Figure 1. SKY67012-396LF Block Diagram
Description
The SKY67012-396LF is a GaAs, pHEMT low-noise amplifier
(LNA) with an integrated active bias. The advanced GaAs pHEMT
enhancement mode process provides excellent return loss, low
noise, and high linearity.
The device offers the ability to externally adjust the supply
current. The supply voltage is applied to the RF-OUT/VDD pin
through an RF choke inductor. The VBIAS pin should be connected
to the RF_OUT/VDD pin through an external resistor to control the
supply current. Both RF_OUT/VDD and RF_IN pins should be DC
blocked to ensure proper operation.
The SKY67012-396LF is manufactured in a compact, 2 x 2 mm,
8-pin Dual Flat No-Lead (DFN) package. A functional block
diagram is shown in Figure 1. The pin configuration and package
are shown in Figure 2. Signal pin assignments and functional pin
descriptions are provided in Table 1.


Similar Part No. - SKY67012-396LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67012_396LF SKYWORKS-SKY67012_396LF Datasheet
2Mb / 15P
   300 to 600 MHz Low-Noise, Low-Current Amplifier
More results

Similar Description - SKY67012-396LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67012_396LF SKYWORKS-SKY67012_396LF Datasheet
2Mb / 15P
   300 to 600 MHz Low-Noise, Low-Current Amplifier
SKY67013-396LF SKYWORKS-SKY67013-396LF_15 Datasheet
2Mb / 15P
   300 to 1500 MHz Low-Noise, Low-Current Amplifier
SKY67013_396LF SKYWORKS-SKY67013_396LF Datasheet
2Mb / 15P
   300 to 1500 MHz Low-Noise, Low-Current
SKY67150-396LF SKYWORKS-SKY67150-396LF Datasheet
1Mb / 19P
   300 to 2200 MHz Ultra Low-Noise Amplifier
logo
M/A-COM Technology Solu...
AM-191 MA-COM-AM-191 Datasheet
68Kb / 3P
   Low Noise Amplifier 100 - 600 MHz
logo
Tyco Electronics
AM-191 MACOM-AM-191 Datasheet
214Kb / 3P
   Low Noise Amplifier, 100 - 600 MHz
logo
STMicroelectronics
TSH350 STMICROELECTRONICS-TSH350 Datasheet
383Kb / 21P
   550 MHz, Low Noise Current Feedback Amplifier
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Tyco Electronics
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Analog Devices
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com