Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66184-11 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY66184-11
Description  2110 to 2170 MHz Linear Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66184-11 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY66184-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66184-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66184-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66184-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66184-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66184-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66184-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66184-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66184-11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DATA SHEET • SKY66184-11: 2110 TO 2170 MHz LINEAR POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
February 18, 2016 • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • 203259D
1
2
3
4
5
6
7
21
20
19
18
17
16
15
810
9
11
12
13
14
28
26
27
25
24
23
22
203259D-002
GND
GND
N/C
RFIN
N/C
GND
VEN
GND
GND
RFOUT
N/C
N/C
GND
GND
Figure 2. SKY66184-11 Pinout (Top View)
Table 2. SKY66184-11 Signal Descriptions
Pin
Name
Description
Pin
Name
Description
1
GND
Ground
15
GND
Ground
2
GND
Ground
16
GND
Ground
3
N/C
No internal connection
17
N/C
No internal connection
4
RFIN
RF input
18
N/C
No internal connection
5
N/C
No internal connection
19
RFOUT
RF output
6
GND
Ground
20
GND
Ground
7
VEN
Enable (active low)
21
GND
Ground
8
N/C
No internal connection
22
N/C
No internal connection
9
N/C
No internal connection
23
VCC3
Output stage supply voltage
10
VBIAS
Bias voltage
24
N/C
No internal connection
11
GND
Ground
25
GND
Ground
12
N/C
No internal connection
26
VCC2
Stage 2 PA supply voltage
13
GND
Ground
27
GND
Ground
14
RFOUT_COUP
RF output coupling port
28
VCC1
Input stage supply voltage


Similar Part No. - SKY66184-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66100-11 SKYWORKS-SKY66100-11 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY66100 SKYWORKS-SKY66100_11 Datasheet
1Mb / 16P
   169 to 170 MHz Transmit-Receive Front-End Module
SKY66101-11 SKYWORKS-SKY66101-11 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY66104-11 SKYWORKS-SKY66104-11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
SKY66104 SKYWORKS-SKY66104_11 Datasheet
740Kb / 14P
   1787 to 1930 MHz High-Power RF Front-End Module
More results

Similar Description - SKY66184-11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1223 MACOM-PA1223 Datasheet
66Kb / 2P
   2110-2170 MHz. 5 Watt 28v. GaAs Ultra Linear Power Amplifier
logo
Stealth Microwave, Inc.
SM2122-52LD STEALTH_MICROWAVE-SM2122-52LD Datasheet
185Kb / 4P
   2110-2170 MHz 160 Watt Peak Power Amplifier
logo
WALSIN TECHNOLOGY CORPO...
SF11092140B102T WALSIN-SF11092140B102T Datasheet
734Kb / 8P
   2110~2170 MHz Band Working Frequency
logo
NXP Semiconductors
BLD6G22L-50 NXP-BLD6G22L-50 Datasheet
195Kb / 16P
   W-CDMA 2110 MHz to 2170 MHz fully integrated Doherty transistor
Rev. 02-18 March 2010
logo
M/A-COM Technology Solu...
MAFR-000355-000001 MA-COM-MAFR-000355-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2110 MHz-2170 MHz
MAFR-000087-US1C1T MA-COM-MAFR-000087-US1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2110 MHz-2170 MHz
logo
Tyco Electronics
MAMXES0050 MACOM-MAMXES0050 Datasheet
133Kb / 2P
   E-Series Surface Mount Mixer 2110 - 2170 MHz
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
logo
Infineon Technologies A...
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com