Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66113-11 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY66113-11
Description  2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66113-11 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY66113-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66113-11 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT SUMMARY • SKY66113-11: BLUETOOTH LOW ENERGY/802.15.4/ZIGBEE FEM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
December 15, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203815A
Ordering Information
Model Name
Manufacturing Part Number
Evaluation Board Part Number
SKY66113-11: 2.4 GHz Bluetooth Low Energy/802.15.4/Zigbee FEM
SKY66113-11-R
SKY66113-11-EK1
Copyright © 2015 Skyworks Solutions, Inc. All Rights Reserved.
Information in this document is provided in connection with Skyworks Solutions, Inc. (“Skyworks”) products or services. These materials, including the information contained herein, are provided by
Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the
information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to
update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes.
No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or
information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions
of Sale.
THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED “AS IS” WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A
PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY
DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS
SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION,
LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE
POSSIBILITY OF SUCH DAMAGE.
Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury,
death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any
damages resulting from such improper use or sale.
Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of
products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for
applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters.
Skyworks and the Skyworks symbol are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for
identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by
reference.


Similar Part No. - SKY66113-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66113-11EK1 SKYWORKS-SKY66113-11EK1 Datasheet
432Kb / 9P
   2.4 GHz Bluetooth Low Energy/802.15.4/ Thread/ZigBee Front-End Module
SKY66113-11 SKYWORKS-SKY66113-11_17 Datasheet
432Kb / 9P
   2.4 GHz Bluetooth Low Energy/802.15.4/ Thread/ZigBee Front-End Module
More results

Similar Description - SKY66113-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66114-11 SKYWORKS-SKY66114-11 Datasheet
161Kb / 2P
   2.4 GHz Bluetooth Low Energy /802.15.4/Zigbee Front-End Module
SKY66113-11 SKYWORKS-SKY66113-11_17 Datasheet
432Kb / 9P
   2.4 GHz Bluetooth Low Energy/802.15.4/ Thread/ZigBee Front-End Module
SKY66108-11 SKYWORKS-SKY66108-11 Datasheet
1Mb / 13P
   2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66109-11 SKYWORKS-SKY66109-11_15 Datasheet
555Kb / 14P
   2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11_17 Datasheet
922Kb / 14P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11 Datasheet
163Kb / 2P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66404-11 SKYWORKS-SKY66404-11 Datasheet
172Kb / 2P
   2.4 GHz Front-End Module for Zigbee/ Thread/ Bluetooth Applications
logo
Dorji Industrial Group ...
DZM5168M DORJI-DZM5168M Datasheet
293Kb / 17P
   2.4-GHz Low Energy Zigbee Module
logo
Skyworks Solutions Inc.
SE2436L SKYWORKS-SE2436L Datasheet
262Kb / 13P
   High Power 2.4 GHz 802.15.4 Front End Module
SE2431L SKYWORKS-SE2431L Datasheet
405Kb / 10P
   SE2431L: 2.4 GHz ZigBee짰/802.15.4 Front-End Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com