Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66109-11 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY66109-11
Description  2.4 GHz ZigBee/Smart Energy Front-End Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66109-11 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY66109-11_15 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66109-11_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66109-11_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66109-11_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66109-11_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66109-11_15 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66109-11_15 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66109-11_15 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66109-11_15 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203034F • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 13, 2015
1
DATA SHEET
SKY66109-11: 2.4 GHz ZigBee®/Smart Energy Front-End
Module
Applications
 Smart meters
 In-home appliances
 Smart thermostats
Features
 Integrated PA with up to +22.5 dBm output power
 Integrated LNA with programmable bypass
 Integrated antenna switching with transmit and receive diversity
function
 Low noise figure: 2 dB typical
 Differential transmit/receive interface with integrated baluns
 Fast switch on/off time: <800 ns
 Supply range: 2.0 V to 3.6 V
 Sleep mode current: 0.05 μA typical
 No bias resistor is required
 Small MCM (20-pin, 3 x 4 x 0.9 mm) package, NiPdAu-plated
(MSL3, 240 °C per JEDEC-J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
Y0306
1
GND
TXP
TXN
VB_OUT
RXP
RXN
VCC2
GND
ANT_SEL
ANT1
GND
2
3
4
5
6
14
15
16
13
12
11
20
19
18
17
89
10
7
GND
Figure 2. SKY66109-11 Pinout
(Top View)
PA
LNA
Balun
RXP
RXN
Logic
control
TXP
TXN
ANT1
ANT2
VB_OUT
Balun
S2659
Figure 1. SKY66109-11 Functional Block Diagram
Description
The SKY66109-11 is a high-performance, fully integrated RF
front-end module (FEM) designed for ZigBee®/Smart Energy
applications.
The SKY66109-11 is designed for ease of use and maximum
flexibility. The device provides integrated and fully matched input
baluns, an integrated interstage matching and harmonic filter, and
digital controls compatible with 1.6 to 3.6 V CMOS levels.
The RF blocks operate over a wide supply voltage range from
2.0 V to 3.6 V that allows the SKY66109-11 to be used in battery
powered applications over a wide spectrum of the battery
discharge curve.
The SKY66109-11 is provided in a small, 20-pin, 3 x 4 mm Multi-
Chip Module (MCM) package. A functional block diagram is
shown in Figure 1. The pin configuration and package are shown
in Figure 2. Signal pin assignments and functional pin
descriptions are provided in Table 1.


Similar Part No. - SKY66109-11_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66109-11 SKYWORKS-SKY66109-11 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY66109-11_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66108-11 SKYWORKS-SKY66108-11 Datasheet
1Mb / 13P
   2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11_17 Datasheet
922Kb / 14P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11 Datasheet
163Kb / 2P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66114-11 SKYWORKS-SKY66114-11 Datasheet
161Kb / 2P
   2.4 GHz Bluetooth Low Energy /802.15.4/Zigbee Front-End Module
SKY66113-11 SKYWORKS-SKY66113-11 Datasheet
160Kb / 2P
   2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
SKY66113-11 SKYWORKS-SKY66113-11_17 Datasheet
432Kb / 9P
   2.4 GHz Bluetooth Low Energy/802.15.4/ Thread/ZigBee Front-End Module
logo
Dorji Industrial Group ...
DZM5168M DORJI-DZM5168M Datasheet
293Kb / 17P
   2.4-GHz Low Energy Zigbee Module
logo
Skyworks Solutions Inc.
SE2438T SKYWORKS-SE2438T Datasheet
1Mb / 13P
   Smart Energy Front-End Module
SKY66404-11 SKYWORKS-SKY66404-11 Datasheet
172Kb / 2P
   2.4 GHz Front-End Module for Zigbee/ Thread/ Bluetooth Applications
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com